Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU20 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SU20
Description  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SU20 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SU20 Datasheet HTML 1Page - Arch Electronics Corp. SU20 Datasheet HTML 2Page - Arch Electronics Corp. SU20 Datasheet HTML 3Page - Arch Electronics Corp. SU20 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_4
update : 98.04.09
Encapsulated DC-DC Converter
SU20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
SU20-12-3.3S
SU20-12-5S
SU20-12-12S
SU20-12-15S
SU20-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Efficiency
76%
78%
81%
82%
83%
capacitor Load max
28000
μF
10000
μF
2000
μF
755
μF
330
μF
Model No.
( Single Output )
SU20-24-3.3S
SU20-24-5S
SU20-24-12S
SU20-24-15S
SU20-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Efficiency
78%
81%
86%
85%
88%
capacitor Load max
28000
μF
10000
μF
2000
μF
755
μF
330
μF
Model No.
( Single Output )
SU20-24F-3.3S
SU20-24F-5S
SU20-24F-12S
SU20-24F-15S
SU20-24F-24S
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Efficiency
82%
84%
82%
82%
82%
capacitor Load max
18000
μF
960
μF
750
μF
370
μF
160
μF
Model No.
( Single Output )
SU20-48-3.3S
SU20-48-5S
SU20-48-12S
SU20-48-15S
SU20-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Efficiency
76%
82%
84%
85%
87%
capacitor Load max
28000
μF
10000
μF
2000
μF
755
μF
330
μF
Model No.
( Single Output )
SU20-48F-3.3S
SU20-48F-5S
SU20-48F-12S
SU20-48F-15S
SU20-48F-24S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Efficiency
83%
85%
82%
82%
82%
capacitor Load max
18000
μF
960
μF
750
μF
370
μF
160
μF
Model No. ( Dual、Triple Output )
SU20-12-5D
SU20-12-12D
SU20-12-15D
SU20-12-5S12D
SU20-12-5S15D
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Efficiency
77%
81%
82%
79%
77%
capacitor Load max
±3000
μF
±680
μF
±330
μF
6000/
±150
μF
4000/
±150
μF
Model No. ( Dual、Triple Output )
SU20-24-5D
SU20-24-12D
SU20-24-15D
SU20-24-5S12D
SU20-24-5S15D
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Efficiency
82%
84%
85%
83%
81%
capacitor Load max
±3000
μF
±680
μF
±330
μF
6000/
±150
μF
4000/
±150
μF
Model No. ( Dual、Triple Output )
SU20-24F-5D
SU20-24F-12D
SU20-24F-15D
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Efficiency
81%
82%
82%
capacitor Load max
±4800
μF
±370
μF
±270
μF
Model No. ( Dual、Triple Output )
SU20-48-5D
SU20-48-12D
SU20-48-15D
SU20-48-5S12D
SU20-48-5S15D
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Efficiency
83%
85%
84%
83%
84%
capacitor Load max
±3000
μF
±680
μF
±330
μF
6000/
±150
μF
4000/
±150
μF
Model No. ( Dual、Triple Output )
SU20-48F-5D
SU20-48F-12D
SU20-48F-15D
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Efficiency
81%
83%
82%
capacitor Load max
±4800
μF
±370
μF
±270
μF
KEY FEATURES
Power Module for PCB Mountable
2:1 & 4:1 Wide Input Range
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Vout Trim and ON/OFF Control Function
2-Years Product Warranty


Similar Part No. - SU20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SU20 ASTRODYNE-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20-12-12D ASTRODYNE-SU20-12-12D Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20-12-12S ASTRODYNE-SU20-12-12S Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20-12-12S ASTRODYNE-SU20-12-12S Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - SU20

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com