Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM14904AA-N Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM14904AA-N
Description  Dual N-channel MOSFET with schottky diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14904AA-N Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM14904AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14904AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14904AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14904AA-N Datasheet HTML 4Page - ELM Technology Corporation ELM14904AA-N Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vf (Volts)
Figure 12: Schottky Forward Characteristics
0
50
100
150
200
250
0
5
10
15
20
25
30
Vka (Volts)
Figure 13: Schottky Capacitance Characteristics
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 15: Schottky Leakage current vs. Junction
Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Schottky Normalized Maximum Transient Thermal Impedance
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 14: Schottky Forward Drop vs.
Junction Temperature
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=62.5°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
f = 1MHz
If=1A
25°C
If=3A
Vr=30V
125°C
Ton
T
Pd


Similar Part No. - ELM14904AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
ELM14902AA-N ELM-TECH-ELM14902AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
   Dual N-channel MOSFET with schottky diode
More results

Similar Description - ELM14904AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
logo
ELM Electronics
ELM341503A-N ELM-ELM341503A-N Datasheet
1Mb / 7P
   Dual N-channel MOSFET with schottky diode
logo
ELM Technology Corporat...
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
   Dual N-channel MOSFET with schottky diode
ELM14914AA-N ELM-TECH-ELM14914AA-N Datasheet
145Kb / 7P
   Dual N-channel MOSFET with schottky diode
logo
GTM CORPORATION
GSS6900S GTM-GSS6900S Datasheet
540Kb / 8P
   DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Technology Corporat...
ELM14912AA-N ELM-TECH-ELM14912AA-N Datasheet
140Kb / 7P
   Dual N-channel MOSFET with schottky diode
logo
Silicon Standard Corp.
SSM4816SM SSC-SSM4816SM Datasheet
377Kb / 9P
   DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Technology Corporat...
ELM14902AA-N ELM-TECH-ELM14902AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
ELM14916AA-N ELM-TECH-ELM14916AA-N Datasheet
141Kb / 7P
   Dual N-channel MOSFET with schottky diode
logo
GTM CORPORATION
GSS4816S GTM-GSS4816S Datasheet
539Kb / 8P
   DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com