Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH05-48F-12D Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SH05-48F-12D
Description  Encapsulated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SH05-48F-12D Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SH05-48F-12D Datasheet HTML 1Page - Arch Electronics Corp. SH05-48F-12D Datasheet HTML 2Page - Arch Electronics Corp. SH05-48F-12D Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_1
update : 98.04.09
Encapsulated DC-DC Converter
SH05 SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
SH05-24F-3.3S
SH05-24F-5S
SH05-24F-12S
SH05-24F-15S
SH05-24F-24S
Max Output Wattage (W)
4W
5W
6W
6W
6W
Input Voltage (V.DC.)
12V (9-36V)
12V (9-36V)
12V (9-36V)
12V (9-36V)
12V (9-36V)
Output Voltage (V.DC.)
3.3V/1200mA
5V/1000mA
12V/500mA
15V/400mA
24V/250mA
Efficiency (typ.)
78%
81%
84%
82%
82%
Capacitor Load (max)
2200
μF
1000
μF
680
μF
560
μF
330
μF
Model No. ( Single Output )
SH05-48F-3.3S
SH05-48F-5S
SH05-48F-12S
SH05-48F-15S
SH05-48F-24S
Max Output Wattage (W)
4W
5W
6W
6W
6W
Input Voltage (V.DC.)
24V (18-75V)
24V (18-75V)
24V (18-75V)
24V (18-75V)
24V (18-75V)
Output Voltage (V.DC.)
3.3V/1200mA
5V/1000mA
12V/500mA
15V/400mA
24V/250mA
Efficiency (typ.)
78%
81%
84%
83%
83%
Capacitor Load (max)
2200
μF
1000
μF
680
μF
560
μF
330
μF
Model No.
( Single Output )
SH05-24F-3.3S
SH05-48F-3.3S
SH05-24F-5S
SH05-48F-5S
SH05-24F-12S
SH05-48F-12S
SH05-24F-15S
SH05-48F-15S
SH05-24F-24S
SH05-48F-24S
Max Output Wattage (W)
4W
5W
6W
6W
6W
Input
Input Filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
1200
1000
500
400
250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±3%
±1%
±1%
±1%
±1%
Minimum Load
0%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Above 105% Rated Output Power
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+60°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.44 Inches ( 31.8 x 20.3 x 11.2 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
20 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
High Efficiency and Reliability
4:1 Wide Input Range
Single and Dual Output
Regulated Output
Low Ripple and Noise
2-Years Product Warranty


Similar Part No. - SH05-48F-12D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SH05-48F-12S ARCH-SH05-48F-12S Datasheet
197Kb / 3P
   Power Module for PCB Mountable
More results

Similar Description - SH05-48F-12D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com