Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC-5S15D Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # MTC-5S15D
Description  AC-DC Medical
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC-5S15D Datasheet(HTML) 3 Page - Arch Electronics Corp.

  MTC-5S15D Datasheet HTML 1Page - Arch Electronics Corp. MTC-5S15D Datasheet HTML 2Page - Arch Electronics Corp. MTC-5S15D Datasheet HTML 3Page - Arch Electronics Corp. MTC-5S15D Datasheet HTML 4Page - Arch Electronics Corp. MTC-5S15D Datasheet HTML 5Page - Arch Electronics Corp. MTC-5S15D Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VER : B_3
update : 98.04.09
AC-DC Medical
MTC SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
(Top View)
BLOCK DIAGRAM
DERATING
PIN#
SINGLE
Dual
Triple
1
NO PIN
NO PIN
NO PIN
2
AC IN (L)
AC IN (L)
AC IN (L)
3
AC IN (N)
AC IN (N)
AC IN (N)
4
-DC OUT
-DC OUT
+5V RTN
5
NO PIN
COMMON
+5V OUT
6
NO PIN
NO PIN
-DC OUT
7
+DC OUT
+DC OUT
NO PIN
8
NO PIN
NO PIN
COMMON
9
NO PIN
NO PIN
+DC OUT


Similar Part No. - MTC-5S15D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC-5S15D-E1 ARCH-MTC-5S15D-E1 Datasheet
546Kb / 6P
   AC-DC Medical
More results

Similar Description - MTC-5S15D

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1_12 Datasheet
235Kb / 3P
   AC-DC Medical
AEC60 ARCH-AEC60 Datasheet
153Kb / 2P
   AC-DC Medical
logo
XP Power Limited
PBM25US05 XPPOWER-PBM25US05 Datasheet
69Kb / 2P
   AC-DC Medical
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
   AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
   AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
   Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com