Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM14612AA-N Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM14612AA-N
Description  Complementary MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14612AA-N Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM14612AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 4Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 5Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 6Page - ELM Technology Corporation ELM14612AA-N Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
5
10
15
20
01
23
45
Vds (Volts)
Fig 1: On-Region Characteristics
Vgs=3.5V
4.0V
10V
5.0V
4.5V
0
5
10
15
22.5
33.5
44.5
5
Vgs (Volts)
Figure 2: Transfer Characteristics
20
30
40
50
60
70
80
90
100
0
5
10
15
20
Id (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
Vgs=10V
Vgs=4.5V
Id=3.0A
Id=4.5A
40
60
80
100
120
140
24
68
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Vds=5V
Vgs=4.5V
Vgs=10V
Id=4.5A
25°C
125°C


Similar Part No. - ELM14612AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14610AA-N ELM-TECH-ELM14610AA-N Datasheet
158Kb / 8P
   Complementary MOSFET with schottky diode
ELM14611AA-N ELM-TECH-ELM14611AA-N Datasheet
150Kb / 7P
   Complementary MOSFET
ELM14613AA-N ELM-TECH-ELM14613AA-N Datasheet
136Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM14614AA-N ELM-ELM14614AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results

Similar Description - ELM14612AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com