Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRX+1600-1 Datasheet(PDF) 1 Page - PIC GmbH

Part # PRX+1600-1
Description  Radial Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PRX+1600-1 Datasheet(HTML) 1 Page - PIC GmbH

  PRX+1600-1 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
PRX+1600
Radial Reed Sensor
prx1600_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 1.0 (003)
Page 1 of 1
Pb
Lead free
Electrical Characteristics
Contact form
A
Contact rating max.
W / VA
3
Switching current max.
A
0.25
Carry current max.
A
0.5
VDC
100
Switching voltage max.
VAC
70
Breakdown voltage min.
VDC
200
Contact resistance (initial) max.
m
250
Insulation resistance min.
109
Capacitance typ.
pF
0.5
Magnetical Characteristics
Pull in range available 1
AT
10-25
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
0.5
Release time max.
ms
0.5
Switching frequency max.
Hz
300
Resonant frequency typ.
Hz
5,000
Vibration (50-2000 Hz)
g
10
Shock (1/2 sin 11 ms)
g
50
Operating temperature
°C
-40 to +100
Dimensions
in mm
Ordering Information
Series
AT Range
PRX+1600
1 = 10-15 / 2 = 15-20 / 3 = 20-25
Ordering example: PRX+1600-3 describes PRX+1600 with 15-20 AT
2.54
Ø 6.35 max.
12.8
14.0 max.
Ø 0.41
Customized types available.


Similar Part No. - PRX+1600-1

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX+1500 PIC-PRX+1500 Datasheet
22Kb / 1P
   Ultraminiature Reed Sensor
PRX+1500-2 PIC-PRX+1500-2 Datasheet
22Kb / 1P
   Ultraminiature Reed Sensor
PRX+1500-3 PIC-PRX+1500-3 Datasheet
22Kb / 1P
   Ultraminiature Reed Sensor
PRX+1500-4 PIC-PRX+1500-4 Datasheet
22Kb / 1P
   Ultraminiature Reed Sensor
More results

Similar Description - PRX+1600-1

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-251 PIC-MS-251 Datasheet
22Kb / 1P
   Radial Reed Sensor
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com