Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN1826-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAN1826-50
Description  10/100BASE-Tx Magnetics Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAN1826-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAN1826-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.A
LAN1826-50
10/100BASE-Tx Magnetics Module
Meets IEEE 802.3 standard
RoHS Compliant
Single port configuration
Design for 100base-Tx transmission over UTP-5 cable
Operating Temperature: -40℃~+85℃
Electrical Specification @25℃
OCL:
350uH Min. @100KHz/0.1V with 8mA DC Bias
Hi-POT :
1500Vrms.
Turn Ratio:
1CT:1CT±3%
D.C.R:
0.9ohm Max.
Insertion Loss:
0.1-100MHz : -1.0dB Max.
30MHz
60MHz
80MHz
Return Loss:
-20dB Typ.
-14dB Typ.
-12dB Typ.
30MHz
50MHz
100MHz
D.C.M.R. :
-42dB Typ.
-37dB Typ.
-32dB Typ.
30MHz
60MHz
100MHz
Cross Talk :
-45dB Typ.
-40dB Typ.
-35dB Typ.
Dimensions
Schematic
Units: mm
Unless otherwise specified, all tolerances are ±0.25
8.89
1.27
0.89
12.95MAX
0.25±0.13
6.9
0° ~8°
6.35 MAX
DATE CODE G
9.4
1.27
0.46
LAN1826
0.64
1.9
0.25±0.10
6.86 10.67
A
B
C
D
6
16
15
2
1:1
1:1
1
3
7
8
14
11
10
9
TD+
TCT
TD-
RD+
RCT
RD-
TX+
TXCT
TX-
RX+
RXCT
RX-


Similar Part No. - LAN1826-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAN1827-50 LINKCOM-LAN1827-50 Datasheet
56Kb / 1P
   10/100BASE-Tx Magnetics Module
More results

Similar Description - LAN1826-50

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6612TX3M XFMRS-XF6612TX3M_15 Datasheet
82Kb / 1P
   10/100BASE-TX MAGNETICS MODULE
logo
LinkCom Manufacturing C...
LAN1037-50 LINKCOM-LAN1037-50 Datasheet
44Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1132-50 LINKCOM-LAN1132-50 Datasheet
49Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN3206-50 LINKCOM-LAN3206-50 Datasheet
43Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN2009-50 LINKCOM-LAN2009-50 Datasheet
87Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1006-80 LINKCOM-LAN1006-80 Datasheet
83Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1052-50 LINKCOM-LAN1052-50 Datasheet
43Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1827-50 LINKCOM-LAN1827-50 Datasheet
56Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1059-50 LINKCOM-LAN1059-50 Datasheet
82Kb / 1P
   10/100BASE-Tx Magnetics Module
LAN1901-50 LINKCOM-LAN1901-50 Datasheet
117Kb / 1P
   10/100BASE-Tx Magnetics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com