Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM1085S3G-33-S Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM1085S3G-33-S
Description  Bipolar 3A LDO Voltage regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM1085S3G-33-S Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM1085S3G-33-S Datasheet HTML 1Page - ELM Technology Corporation ELM1085S3G-33-S Datasheet HTML 2Page - ELM Technology Corporation ELM1085S3G-33-S Datasheet HTML 3Page - ELM Technology Corporation ELM1085S3G-33-S Datasheet HTML 4Page - ELM Technology Corporation ELM1085S3G-33-S Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TJ=125° C
TJ=25° C
TJ=-40° C
Dropout Voltage vs. Output Current
Output Current(A)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.4
0.2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature(° C)
10
9
8
7
6
5
4
3
2
1
150
100
50
-50
0
Short-Circuit Current vs.Temperature
VIN-VOUT(SHORT CIRCUIT)=5V
VIN-VOUT(SHORT CIRCUIT)=3.3V
Percent Change in Output Voltage vs.Temperature
Temperature(° C)
2
1.5
1
0.5
0
-0.5
-1
-1.5
-2
150
125
100
75
50
25
0
-25
-50
Adjust Pin Current vs.Temperature
Temperature(° C)
100
90
80
70
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
125 150
IOUT=3A
V RIPPLE(p-p)=1V
V IN-V OUT=3V
90
80
70
60
50
40
30
20
10
0
100k
10k
1k
100
10
R ipple R ejection vs. Frequency
Frequency(H z)
Maximum Power Dissipation*
Case Temperature(° C)
20
18
16
14
12
10
8
6
4
2
0
150
130
110
90
70
50
*as Limited by Maximum Junction Temperature


Similar Part No. - ELM1085S3G-33-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-S ELM-TECH-ELM1085DG-S Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results

Similar Description - ELM1085S3G-33-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
ELM Electronics
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com