Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPHE010C301 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # BPHE010C301
Description  AC TO DC LED DRIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPHE010C301 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  BPHE010C301 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. BPHE010C301 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
AC TO DC LED DRIVER
聯寶電子股份有限公司
BPHE010CXXX Series Class 2 Power unit
LinkCom Manufacturing Co., Ltd.
2008.8
www.linkcom.com.tw
For more information, please contact with: sales@linkcom.com.tw
Input: 100~240VAC 0.25A 50/60Hz
Output: +XXVDC (Max.)
Constant Current: XXXmA (+3 ~ +XXV)
MADE IN CHINA
LED Driver
Model: PHE-010-CXXX
L
N
+v
( Blue )
( Red )
( White )
( Black )
-v
AC
DC
R
TUV
..
Rheinland
Product Safety
BAUART
GEPRUFT
TYPE
APPROVED
..
EXXXXXX
97.50
82.00
40.00
30.00
Unit: mm
DIMENSIONS [mm]


Similar Part No. - BPHE010C301

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE010C301 LINKCOM-BPHE010C301 Datasheet
509Kb / 4P
   LED Driver
BPHE010C301-50 LINKCOM-BPHE010C301-50 Datasheet
487Kb / 3P
   10W LED Driver
BPHE010C301 LINKCOM-BPHE010C301_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
More results

Similar Description - BPHE010C301

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE005C201 LINKCOM-BPHE005C201 Datasheet
241Kb / 2P
   AC TO DC LED DRIVER
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com