Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9850BB-N Datasheet(PDF) 10 Page - ELM Technology Corporation

Part # ELM9850BB-N
Description  CMOS Voltage regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9850BB-N Datasheet(HTML) 10 Page - ELM Technology Corporation

Back Button ELM9850BB-N Datasheet HTML 4Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 5Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 6Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 7Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 8Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 9Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 10Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 11Page - ELM Technology Corporation ELM9850BB-N Datasheet HTML 12Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2.0
4.0
6.0
8.0
10.0
2.0
4.0
6.0
8.0
Vin (V)
Top=25°C
Iss - Vin
-40
-20
0
20
40
60
80
2.0
4.0
6.0
8.0
Top(°C)
Iss - T op
Vin=5.3V
0123
4
2.0
3.0
4.0
5.0
6.0
Time (ms)
Input T ransient Response
Co=1.0
μF
Iout=10mA
Input Voltage
Output Voltage
012
34
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Time (ms)
Input T ransient Response
Co=1.0
μF
Iout=50mA
Input Voltage
Output Voltage
123
4
2.0
3.0
4.0
5.0
0
Time (ms)
Load T ransient response
Co=1.0
μF
Output Current
Vin=5.3V
1mA
50mA


Similar Part No. - ELM9850BB-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM9850BA ETC2-ELM9850BA Datasheet
200Kb / 13P
   VOLTAGE REGULATOR
More results

Similar Description - ELM9850BB-N

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
GTM CORPORATION
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com