Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9450B-N Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM9450B-N
Description  CMOS PFM step-up DC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9450B-N Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM9450B-N Datasheet HTML 1Page - ELM Technology Corporation ELM9450B-N Datasheet HTML 2Page - ELM Technology Corporation ELM9450B-N Datasheet HTML 3Page - ELM Technology Corporation ELM9450B-N Datasheet HTML 4Page - ELM Technology Corporation ELM9450B-N Datasheet HTML 5Page - ELM Technology Corporation ELM9450B-N Datasheet HTML 6Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
■Typical characteristics
012
1
2
3
Vin (V)
Vout - Vin
Iout =1mA
3mA
10mA
012
50
60
70
80
90
100
0
50
100
150
200
250
Vin (V)
,VRp-p - Vin
(Iout =1mA)
VRp-p
Efficiency
01
23
1
2
3
Vin (V)
Vout - Vin
Iout =1mA
3mA
10mA
01
23
50
60
70
80
90
100
0
50
100
150
200
250
Vin (V)
,VRp-p - Vin (Iout =1mA)
VRp-p
Efficiency
EFFICIENCY-Vin
RIPPLE VOLTAGE-Vin
EFFICIENCY-Vin
RIPPLE VOLTAGE-Vin
EFFICIENCY
RIPPLE VOLTAGE
EFFICIENCY
RIPPLE VOLTAGE
6 -
ELM94xxB CMOS PFM step-up DC/DC converter


Similar Part No. - ELM9450B-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
Beckhoff Automation Gmb...
ELM9410 BECKHOFF-ELM9410 Datasheet
176Kb / 2P
   Power supply terminal for refreshing the E-bus, with diagnostics
More results

Similar Description - ELM9450B-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM91181AA-S ELM-TECH-ELM91181AA-S Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com