Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9530D-S Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM9530D-S
Description  CMOS PWM step-up DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9530D-S Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM9530D-S Datasheet HTML 1Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 2Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 3Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 4Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Parameter
Symbol
Limit
Unit
Apply voltage to LX pin
Vlx
12
V
Apply voltage to VOUT pin
Vout
12
V
Output current of LX pin
Ilx
200
mA
Power dissipation
Pd
300
mW
Operating temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM95xxD CMOS PWM step-up DC/DC converter
ELM95xxD series is CMOS PWM step-up DC/DC converter which consists of reference voltage source, error
amplifier, oscillation circuit, start-up circuit, PWM control circuit, switch transistor and output voltage setting
resistor. For external parts, coil, diode and capacitor are possible choices; with external parts, ELM95 series
can acquire constant output voltage higher than input voltage. The standard output voltages are 2.7V,3.0V,3.3V
and 5.0V; ELM95 series can also be designed as semi-custom IC within the range of 2.5V to 5.5V by 0.1V step.
With newly-developed PWM control circuit, ELM95 series is able to modulate switching time smoothly with
constant frequency and consequently generates stable output with small ripples.
• Constant voltage source for battery-
operated devices
• Constant voltage source for cameras
• Portable communication equipments
• Local regulator
ELM95xxD-x
Symbol
a, b
Output voltage
e.g.:
27: Vout=2.7V
30: Vout=3.0V
33: Vout=3.3V
50: Vout=5.0V
c
Product version
D
d
Taping direction
S : Refer to PKG file
N : Refer to PKG file
ELM95 x x D - x
↑ ↑ ↑
a b c
d
■General description
■Features
■Application
■Maximum absolute ratings
■Selection guide
5 -
• Output voltage range
: 2.5V to 5.5V (by 0.1V)
• Low voltage operation
: Vin≥0.98V (RL=30kΩ)
• Low power operation
: 35μW (Typ. ELM9530D)
• High efficiency
: Typ. 85%
• High output voltage accuracy : ±2.5%
• Output current (e.g.)
: 10mA (When Vin=1.5V, Vout=3.0V)
• Constant output frequency
: Typ. 55kHz
• Small ripples
• Package
: SOT-89


Similar Part No. - ELM9530D-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
More results

Similar Description - ELM9530D-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com