Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9530D-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM9530D-S
Description  CMOS PWM step-up DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9530D-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM9530D-S Datasheet HTML 1Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 2Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 3Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 4Page - ELM Technology Corporation ELM9530D-S Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage
Vin
10
V
Starting voltage
Vst
RL=33kΩ
0.98
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Vin=1.5V
14.0
23.0
μA
Output voltage
Vout
Iout=1mA, Vin=1.5V
3.21
3.30
3.39
V
Output current of LX pin
Ilx
Vout=3.2V, Vlx=0.4V
80
mA
Leakage current of LX pin
Ilxl
Vout=Vlx=10V
1.0
μA
Oscillating frequency
Fosc
Vout=3.2V
35
55
75
kHz
Maximum duty ratio
Duty
Vout=3.2V
45
60
75
%
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage
Vin
10
V
Starting voltage
Vst
RL=50kΩ
0.98
V
Holding voltage
Vhold Iout=1mA
0.9
V
Current consumption
Iss
Vin=3V
30.0
45.0
μA
Output voltage
Vout
Iout=1mA, Vin=3V
4.87
5.00
5.13
V
Output current of LX pin
Ilx
Vout=4.8V, Vlx=0.4V
110
mA
Leakage current of LX pin
Ilxl
Vout=Vlx=10V
1.0
μA
Oscillating frequency
Fosc
Vout=4.8V
35
55
75
kHz
Maximum duty ratio
Duty
Vout=4.8V
45
60
75
%
Vout=3.3V (ELM9533D)
Vout=5.0V (ELM9550D)
L=220μH, D=MA721, C=47μF, Vss=0V, Top=25°C
L=220μH, D=MA721, C=47μF, Vss=0V, Top=25°C
■Marking
Mark
Vout
Mark
Vout
22.*V4
4.*V
33.*V5
5.*V
a : the integer digit of the output voltage
b : the decimal digit of the output voltage
Mark
Vout
Mark
Vout
0
*.0V
5
*.5V
1
*.1V
6
*.6V
2
*.2V
7
*.7V
3
*.3V
8
*.8V
4
*.4V
9
*.9V
SOT-89
5 -
ELM95xxD CMOS PWM step-up DC/DC converter
c : Assembly lot No.
A to Z (excepted I, O, X)
d : Assembly lot No.
0 to 9


Similar Part No. - ELM9530D-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
More results

Similar Description - ELM9530D-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
ELM95 ELM-TECH-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
ELM Electronics
ELM95 ELM-ELM95 Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com