Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9330BB-S Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM9330BB-S
Description  CMOS High efficiency PFM step-up DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM9330BB-S Datasheet(HTML) 8 Page - ELM Technology Corporation

  ELM9330BB-S Datasheet HTML 1Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 2Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 3Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 4Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 5Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 6Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 7Page - ELM Technology Corporation ELM9330BB-S Datasheet HTML 8Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
• Vout=3.3V (ELM9333xB)
(Top=25°C, L=330μH, D=MA721, Cin=Cout=22μF)
8 -
ELM93xxxB CMOS High efficiency PFM step-up DC/DC converter
0123
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=10mA
3mA
1mA
0123
60
70
80
90
100
Vin (V)
Iout=1mA
100 A
EFFICIENCY - Vin
123
20
40
60
80
100
0
Vin (V)
VOLTAGE RIPPLE - Vin
Iout=1mA
0.1
1
10
100
1
1.5
2
2.5
3
3.5
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
0.1
1
10
100
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
1.3V
200
400
600
800
1000
10
20
30
40
50
60
70
0
L ( H)
Iout(max.) - L
Vin=1.5V
1.1V
1.0V
0.9V


Similar Part No. - ELM9330BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results

Similar Description - ELM9330BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
Stanson Technology
ST1638 STANSON-ST1638 Datasheet
98Kb / 7P
   Step-Up DC/DC Converter High Efficiency PFM
logo
ELM Technology Corporat...
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com