Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC-M1104034 Datasheet(PDF) 1 Page - PIC GmbH

Part # PIC-M1104034
Description  Permanent Magnet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PIC-M1104034 Datasheet(HTML) 1 Page - PIC GmbH

  PIC-M1104034 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
PIC-M1104034
Permanent Magnet
Material
Alnico 500
Orientation
over 11 mm
Remanence Br
1281
Coercivity HcB
50
52
Energy Product (BH) max.
40
Magnetic Moment M
0.80
Operating Temperature max.
500
Curie Temperature Tc
890
Temperature Coefficient Tk(Br)
-0.02
Density
7.3
mT
kA/m
kA/m
kJ/m³
x10
°C
°C
%/°C
g/cm³
Vs cm
-5
Nominal values unless otherwise specified
Dimensions
3.4 ±0.2
11.0 ±0.2
4.0 ±0.2
in mm
Coercivity HcJ
© PIC GmbH, Nürnberg (GERMANY)
Page 1 of 1
picm1104034_e
Rev. 1.0
Customized types available.


Similar Part No. - PIC-M1104034

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M1001 PIC-PIC-M1001 Datasheet
20Kb / 1P
   NdFeB Flat Magnet
PIC-M1005 PIC-PIC-M1005 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M150604 PIC-PIC-M150604 Datasheet
21Kb / 1P
   Bonded Ring Magnet
PIC-M1602SMD PIC-PIC-M1602SMD Datasheet
20Kb / 1P
   SMD Mountable Magnet
PIC-M175753 PIC-PIC-M175753 Datasheet
21Kb / 1P
   NdFeB Ring Magnet
More results

Similar Description - PIC-M1104034

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M1005 PIC-PIC-M1005 Datasheet
20Kb / 1P
   Permanent Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com