Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC-M0306 Datasheet(PDF) 1 Page - PIC GmbH

Part # PIC-M0306
Description  NdFeB Miniature Magnet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PIC-M0306 Datasheet(HTML) 1 Page - PIC GmbH

  PIC-M0306 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
PIC-M0306
NdFeB Miniature Magnet
Material
NdFeB, Ni-coated
Orientation
axially
Remanence Br
1190
Coercivity HcB
828
1512
Energy Product (BH) max.
275
Magnetic Moment M
0.46
Operating Temperature max.
150
Curie Temperature Tc
340
Temperature Coefficient Tk(Br)
-0.10
Density
7.5
mT
kA/m
kA/m
kJ/m³
x10
°C
°C
%/°C
g/cm³
Vs cm
-5
Nominal values unless otherwise specified
Dimensions
Ø 3.0 ±0.1
6.0 ±0.1
in mm
Coercivity HcJ
© PIC GmbH, Nürnberg (GERMANY)
Page 1 of 1
picm0306_e
Rev. 1.0
Customized types available.


Similar Part No. - PIC-M0306

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0302D PIC-PIC-M0302D Datasheet
20Kb / 1P
   SmCo Miniature Magnet
PIC-M030301 PIC-PIC-M030301 Datasheet
20Kb / 1P
   SmCo Miniature Magnet
PIC-M0304 PIC-PIC-M0304 Datasheet
20Kb / 1P
   NdFeB Miniature Magnet
More results

Similar Description - PIC-M0306

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M020202 PIC-PIC-M020202 Datasheet
20Kb / 1P
   NdFeB Miniature Magnet
PIC-M0304 PIC-PIC-M0304 Datasheet
20Kb / 1P
   NdFeB Miniature Magnet
PIC-M0204 PIC-PIC-M0204 Datasheet
20Kb / 1P
   NdFeB Miniature Magnet
PIC-M048075CNC PIC-PIC-M048075CNC Datasheet
20Kb / 1P
   NdFeB Standard Magnet
PIC-M0603SH PIC-PIC-M0603SH Datasheet
20Kb / 1P
   NdFeB Standard Magnet
PIC-M175753 PIC-PIC-M175753 Datasheet
21Kb / 1P
   NdFeB Ring Magnet
PIC-M0610 PIC-PIC-M0610 Datasheet
20Kb / 1P
   NdFeB Standard Magnet
PIC-M1001 PIC-PIC-M1001 Datasheet
20Kb / 1P
   NdFeB Flat Magnet
logo
ams AG
AS5000-MD6H-2 AMSCO-AS5000-MD6H-2 Datasheet
55Kb / 1P
   NdFeB sintered magnet
logo
PIC GmbH
PIC-M0212 PIC-PIC-M0212 Datasheet
20Kb / 1P
   NdFeB Standard Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com