Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM863312B1A-S Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM863312B1A-S
Description  Dual 400mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM863312B1A-S Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM863312B1A-S Datasheet HTML 3Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 4Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 5Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 6Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 7Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 8Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 9Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 10Page - ELM Technology Corporation ELM863312B1A-S Datasheet HTML 11Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0
40
80 120 160 200 240 280 320 360
0.5
1.0
1.5
2.0
2.5
Load Transient Response
Cin=Co=1.0
μF
Time(
μS)
Output Voltage
Output Current
100mA
10mA
Vin=2.2V
0
40
80 120 160 200 240 280 320 360
0.5
1
1.5
2
2.5
3
3.5
4
Time(
μS)
Input Transient Respose
Co=1.0
μF
Input Voltage
Output Voltage
01
23456
0
2
4
6
8
10
12
14
16
18
20
Vin(V)
Iss-Vin
Top=25
10
1
10
2
10
3
10
4
10
5
0
10
20
30
40
50
60
70
80
Frequency(Hz)
Ripple Rejection
Co=1.0
μF


Similar Part No. - ELM863312B1A-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
More results

Similar Description - ELM863312B1A-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
Microchip Technology
TC1267 MICROCHIP-TC1267 Datasheet
490Kb / 14P
   400mA PCI LDO
2002
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com