Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM7S02B Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM7S02B
Description  CMOS LOGIC IC 2-input NOR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7S02B Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM7S02B Datasheet HTML 1Page - ELM Technology Corporation ELM7S02B Datasheet HTML 2Page - ELM Technology Corporation ELM7S02B Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CMOS LOGIC IC
ELM7S02B 2-input NOR gate
ELM7S 0 2 B - EL
↑ ↑ ↑
a
b
c
■General description 
ELM7S02B is CMOS 2-input NOR gate IC. It realizes high speed operation similar to LS-TTL with lower
power consumption by CMOS features. The inner circuit structure of 3-stage logic gate obtains wider noise
immunity and constant output.
■Features
■Application
■Selection guide
ELM7S02B-EL
Symbol
a
Function
02 : 2-input NOR gate
b
Product version
B
c
Taping direction
EL : Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5~+7.0
V
Input voltage
Vin
-0.5~Vdd+0.5
V
Output voltage
Vout
-0.5~Vdd+0.5
V
Input protection diode current
Iik
±
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
25
mA
Power dissipation
Pd
200
mW
Storage temperature
Tstg
-65~+150
・ Cell phones
・ Digital cameras
・ Portable electrical appliances like PDA, etc.
・ Computers and peripherals
・ Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
・ Modification inside print board, adjustment of timing, solution to noise
・ Same electrical characteristic as 74HC series (output current is around 1/2 of 74HC series)
・ Low consumption current
: Idd=1.0μA(Max.)(Top=25℃ )
・ Wide power voltage range
: 2.0V~6.0V
・ High speed
: Tpd=5ns(Typ.)(Vdd=5.0V)
・ Symmetrical output impedance : | Ioh |=Iol=2mA (Min.)(Vdd=4.5V)
・ Small package
: SOT-25 


Similar Part No. - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S02B ETC-ELM7S02B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Electronics
ELM7S02B ELM-ELM7S02B Datasheet
325Kb / 3P
   2-input NOR gate
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S02B 2-input NOR gate
More results

Similar Description - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S02B 2-input NOR gate
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
ELM7SH02XB ELM-TECH-ELM7SH02XB_17 Datasheet
605Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH02xB 2-input NOR gate
ELM7SH02MB-EL ELM-TECH-ELM7SH02MB-EL Datasheet
314Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH02xB 2-input NOR gate
logo
Torex Semiconductor
XC74WL02AASR TOREX-XC74WL02AASR Datasheet
129Kb / 3P
   CMOS Logic Dual 2-input NOR Gate
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
   2-Input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com