Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSR-0035RT Datasheet(PDF) 1 Page - PIC GmbH

Part # HSR-0035RT
Description  Micro Reed Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

HSR-0035RT Datasheet(HTML) 1 Page - PIC GmbH

  HSR-0035RT Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
HSR-0035RT
Micro Reed Switch
Pb
Lead free
m
10
Dimensions
B
A
C
D
E
Electrical Characteristics
Contact form
A
Contact material
Rh
Contact rating max.
1
Switching current max.
0.05
Carry current max.
1.0
30
Switching voltage max.
30
Breakdown voltage min.
200
Contact resistance (initial) max.
750
Insulation resistance min.
9
Capacitance typ.
0.3
W / VA
A
A
VDC
VAC
VDC
pF
Pull in range available
5 - 20
AT
091
Drop out min.
3
AT
Magnetical Characteristics
Test coil
Operate time (incl. bounce) max.
0.2
ms
Release time max.
0.1
ms
Switching frequency max.
700
Hz
Resonant frequency typ.
10000
Hz
Operating Characteristics
Vibration (50-2000 Hz)
15
g
Shock (1/2 sin 11 ms)
75
g
Operating temperature
-40 to +125
°C
26.70
= Total length nom.
5.08
= Glass length max.
1.40
= Glass diameter max.
0.25
= Wire diameter nom.
14.00
= Gap location nom.
A
B
C
D
E
in mm
TC
© PIC GmbH, Nürnberg (GERMANY)
Page 1 of 1
hsr0035rt_e
1.0
Rev.


Similar Part No. - HSR-0035RT

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HSR-0035RT PIC-HSR-0035RT_14 Datasheet
157Kb / 1P
   Mikro-Reedschalter
More results

Similar Description - HSR-0035RT

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HSR-0025RT PIC-HSR-0025RT Datasheet
88Kb / 1P
   Micro Reed Switch
HSR-004 PIC-HSR-004 Datasheet
26Kb / 1P
   Micro Reed Switch
HSR-003 PIC-HSR-003 Datasheet
26Kb / 1P
   Micro Reed Switch
PMC-0701 PIC-PMC-0701 Datasheet
38Kb / 1P
   Micro Reed Switch
HSR-0025 PIC-HSR-0025 Datasheet
26Kb / 1P
   Micro Reed Switch
PMC-0701F PIC-PMC-0701F Datasheet
168Kb / 4P
   Micro SMD Reed Switch
PMC-0701FH PIC-PMC-0701FH Datasheet
143Kb / 2P
   Micro SMD Reed Switch
PMC-0701Z PIC-PMC-0701Z Datasheet
161Kb / 2P
   Micro SMD Reed Switch
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
   Micro-miniature Reed Switch
logo
PIC GmbH
HSR-0025TSM PIC-HSR-0025TSM Datasheet
23Kb / 1P
   Micro SMD Reed Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com