Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z5228BH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MM1Z5228BH
Description  SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MM1Z5228BH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MM1Z5228BH Datasheet HTML 1Page - Zowie Technology Corporation MM1Z5228BH Datasheet HTML 2Page - Zowie Technology Corporation MM1Z5228BH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM1Z5221BH~MM1Z5267BH
SILICON PLANAR ZENER DIODES
Silicon Planar Zener Diode in a small plastic
SMD SOD-123 package
Features
• Total power dissipation: Max. 500 mW
• Small plastic package suitable for
surface mounted design
• Tolerance approximately ± 5%
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Total Power Dissipation
Ptot
500
mW
Operating Junction and Storage Temperature Range
Tj, TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RθJA
350
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-123 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
Lead free product
Halogen - free type
Zowie Technology Corporation
Zowie Technology Corporation
REV. 0


Similar Part No. - MM1Z5228BH

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5228B SEMTECH_ELEC-MM1Z5228B Datasheet
287Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z5228B HTSEMI-MM1Z5228B Datasheet
676Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
MM1Z5228B RECTRON-MM1Z5228B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Nanjing International G...
MM1Z5228B DGNJDZ-MM1Z5228B Datasheet
147Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM1Z5228B SY-MM1Z5228B Datasheet
456Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - MM1Z5228BH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM3Z2B4H ZOWIE-MM3Z2B4H Datasheet
151Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
LL4148GH ZOWIE-LL4148GH Datasheet
659Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE Halogen-free type Lead free product
BAV70WGH ZOWIE-BAV70WGH Datasheet
44Kb / 3P
   Dual Switching Diodes Lead free product Halogen-free type
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com