Electronic Components Datasheet Search |
|
CTG051003UZM Datasheet(PDF) 1 Page - American Accurate Components, Inc. |
|
CTG051003UZM Datasheet(HTML) 1 Page - American Accurate Components, Inc. |
1 / 3 page American Accurate Components, Inc. THIN FILM PRECISION CHIP RESISTORS The content of this specification may change without notification 10/12/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 1 Custom solutions are available. CT Series Chip Resistors – Tin / Gold Terminations Available SCHEMATIC DIMENSIONS (mm) Size L W c d t 0201 0.60 + 0.05 0.30 + 0.05 0.13 + 0.05 0.25+0.05 0.25 + 0.05 0402 1.00 + 0.05 0.5+0.1 -0.05 0.20 + 0.10 0.25+0.05 -0.10 0.35 + 0.05 0603 1.60 + 0.10 0.80 + 0.10 0.20 + 0.10 0.30+0.20 -0.10 0.50 + 0.10 0805 2.00 + 0.15 1.25 + 0.15 0.40 + 0.25 0.30+0.20 -0.10 0.50 + 0.15 1206 3.20 + 0.15 1.60 + 0.15 0.45 + 0.25 0.40+0.20 -0.10 0.60 + 0.15 1210 3.20 + 0.15 2.60 + 0.15 0.50 + 0.30 0.40+0.20 -0.10 0.60 + 0.10 1217 3.00 + 0.20 4.20 + 0.20 0.80 + 0.30 0.80 + 0.25 0.9 max 2010 5.00 + 0.15 2.60 + 0.15 0.50 + 0.30 0.40+0.20 -0.10 0.70 + 0.10 2020 5.08 + 0.20 5.08 + 0.20 0.80 + 0.30 0.80 + 0.30 0.9 max 2045 5.00 + 0.15 11.5+ 0.30 0.80 + 0.30 0.80 + 0.30 0.9 max 2512 6.30 + 0.15 3.10 + 0.15 0.60 + 0.25 0.50 + 0.25 0.60 + 0.10 Wraparound Termination Top Side Termination, Bottom Isolated – CTG Type CONSTRUCTION FIGURE (Wraparound) CONSTRUCTION MATERIALS Item Part Material Resistor Nichrome Thin Film Protective Film Polymide Epoxy Resin Electrode a Grounding Layer Nichrome Thin Film b Electrode Layer Copper Thin Film c Barrier Layer Nickel Plating d Solder Layer Solder Plating (Sn) Substrate Alumina Marking Epoxy Resin & The resistance value is on the front side The production month is on the backside HOW TO ORDER CT G 10 1003 B X M Packaging M = Std. Reel O = 1K Reel TCR (PPM/ °C) L = +1 P = +5 Y = +50 M = +2 Q = +10 Z = +100 N = +3 X = +25 Tolerance (%) U=+.01 A=+.05 C=+.25 F=+1 P=+.02 B=+.10 D=+.50 EIA Resistance Value Standard decade values Size 20 = 0201 18 = 1206 11 = 2020 05 = 0402 14 = 1210 09 = 2045 16 = 0603 13 = 1217 01 = 2512 10 = 0805 12 = 2010 Termination Material Sn = Leave Blank Au = G Series CT = Thin Film Precision Resistors Wire Bond Pads Terminal Material: Au FEATURES Nichrome Thin Film Resistor Element CTG type constructed with top side terminations, wire bonded pads, and Au termination material. Anti-Leaching Nickel Barrier Terminations Very Tight Tolerances, as low as ±0.02% Extremely Low TCR, as low as ±1ppm Special Sizes available 1217, 2020, and 2045 Either ISO 9001 or ISO/TS 16949:2002 Certified Applicable Specifications: EIA575, IEC 60115-1, JIS C5201-1, CECC 40401, MIL-R-55342D |
Similar Part No. - CTG051003UZM |
|
Similar Description - CTG051003UZM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |