Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACZ16NBR5E-20KQA1-24 Datasheet(PDF) 1 Page - CUI INC

Part # ACZ16NBR5E-20KQA1-24
Description  mec hanic al incr emen tal encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ16NBR5E-20KQA1-24 Datasheet(HTML) 1 Page - CUI INC

  ACZ16NBR5E-20KQA1-24 Datasheet HTML 1Page - CUI INC ACZ16NBR5E-20KQA1-24 Datasheet HTML 2Page - CUI INC ACZ16NBR5E-20KQA1-24 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
page
10/2009
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ16
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
0.5 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
5 V dc max.
output resolution
12, 24 ppr
insulation resistance
50 V dc, 100 MΩ
withstand voltage
50 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
7
kgf
rotational torque
with detent click
without detent click
50
90
130
210
gf•cm
gf•cm
rotational life
100,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
65
°C
storage temperature
-40
75
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ16 X BR X E- XX XX X1- XXX
Version:
“blank” = switch
N = no switch
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
24 = 24 ppr, no detent
24C = 24 ppr, 24 detent
Bushing:
1 = M7 x 0.75 (H = 5)
2 = M7 x 0.75 (H = 7)
4 = smooth (H = 5)
5 = smooth (H = 7)
Shaft length:
15, 20, 25
Shaft type:
KQ, F
Mounting orientation:
A = Horizontal
D = Vertical


Similar Part No. - ACZ16NBR5E-20KQA1-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16NBR5E-20KQA1-24 CUI-ACZ16NBR5E-20KQA1-24 Datasheet
106Kb / 3P
   mechanical incremental encoder
ACZ16NBR5E-20KQA1-24C CUI-ACZ16NBR5E-20KQA1-24C Datasheet
106Kb / 3P
   mechanical incremental encoder
More results

Similar Description - ACZ16NBR5E-20KQA1-24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ12 CUI-ACZ12 Datasheet
123Kb / 3P
   mec hanic al incr emen tal encoder
logo
List of Unclassifed Man...
SW-18010 ETC1-SW-18010 Datasheet
34Kb / 1P
   MEC Shake Switch
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
Suntan Capacitors
TS02B SUNTAN-TS02B_17 Datasheet
174Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
logo
Lanner All Rights Reser...
HTCA-E400 LANNER-HTCA-E400 Datasheet
3Mb / 2P
   Carrier-grade Edge Server Chassis for Open RAN / MEC
V.2-2022, 11, 17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com