Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2249-K Datasheet(PDF) 2 Page - Pomona Electronics

Part # 2249-K
Description  Cable Assembly with BNC Male on Each End
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2249-K Datasheet(HTML) 2 Page - Pomona Electronics

  2249-K Datasheet HTML 1Page - Pomona Electronics 2249-K Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2249
Cable Assembly with BNC
Male on Each End
Sales: 800-490-2361 Fax: 425-446-5844 Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 102
D1093883
Page 2 of 2
Voltage: 500 Vrms max from center conductor to shield and 33 Vac / 70 Vdc max from shield to earth in
controlled hands free testing environments. For CE compliance: not intended for hand-held use at voltage
above 33 Vrms / 70 Vdc.
MATERIALS:
BNC Male:
Body: Brass, Tarnish Resistant Nickel Plating
Dielectric: PTFE
Center Contact: Gold Plated Brass
Strain Relief:
PVC molded directly to cable and connectors
ORDERING INFORMATION: Model 2249-type-length*
Cable Type: C, E, K, Y. (see table for detail).
Cable Length For “C” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 96” (243,84cm), 120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240”
(609,6cm), 300” (762cm), 360” (914,4cm), 600” (1524cm).
Cable Length For “E” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240” (609,6cm), 300” (762cm),
360” (914,4cm), 480” (1219cm), 600” (1524cm).
Cable Length For “K” Type*: 6” (15,24cm), 12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60”
(152,4cm), 72” (182,9cm), 120” (304,8cm), 180” (457,2cm), 240” (609,6cm), 300” (762cm), 480” (1219cm).
Cable Length For “Y” Type*:12” (30,5cm), 24” (61,0cm), 36” (91,4cm), 48” (121,9cm), 60” (152,4cm),
72” (182,9cm),120” (304,8cm), 144” (365,76cm), 180” (457,2cm), 240” (609,6cm),
Ordering Example: 2249-C-72 (type “C” cable with a 72” (182,9cm) length)
* Additional lengths are available upon request


Similar Part No. - 2249-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2249 ETC2-2249 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
2249 ETC2-2249 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
2249 HEYCO-2249 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
Alpha Wire
2249/12C ALPHAWIRE-2249/12C Datasheet
98Kb / 4P
   Customer SpecificationS
12/2/2022
2249/19C ALPHAWIRE-2249/19C Datasheet
98Kb / 4P
   Customer SpecificationS
12/12/2022
More results

Similar Description - 2249-K

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4964 POMONA-4964 Datasheet
38Kb / 1P
   Cable Assembly BNC (Male) Each End, Low Noise
logo
List of Unclassifed Man...
BU-P5697-6 ETC2-BU-P5697-6 Datasheet
238Kb / 1P
   Test Lead, Male BNC on Each End
logo
Pomona Electronics
4846 POMONA-4846 Datasheet
54Kb / 1P
   SMA (Male) Each End Cable Assembly
5266 POMONA-5266 Datasheet
26Kb / 1P
   Cable Assembly BNC Male One End Only
logo
List of Unclassifed Man...
BU-P2249-C-6 ETC2-BU-P2249-C-6 Datasheet
234Kb / 1P
   Test Lead, BNC with Strain Relief on Each End, RG-58C/U
logo
Pasternack Enterprises,...
PE3807 PASTERNACK-PE3807 Datasheet
107Kb / 1P
   CABLE ASSEMBLY BNC MALE TO BNC MALE
PE3999 PASTERNACK-PE3999 Datasheet
99Kb / 1P
   CABLE ASSEMBLY BNC MALE TO BNC MALE
logo
Pomona Electronics
3239 POMONA-3239 Datasheet
29Kb / 1P
   Size B, Isolated BNC Female Each End With Cover
logo
Pasternack Enterprises,...
PE35148 PASTERNACK-PE35148 Datasheet
93Kb / 1P
   CABLE ASSEMBLY, RG141A, BNC MALE TO BNC MALE
PE34166 PASTERNACK-PE34166 Datasheet
265Kb / 1P
   CABLE ASSEMBLY PE-SR401FL BNC MALE TO BNC MALE TO BNC MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com