Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56WG Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # BAW56WG
Description  Silicon Switching Diode Array Lead free product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAW56WG Datasheet(HTML) 3 Page - Zowie Technology Corporation

  BAW56WG Datasheet HTML 1Page - Zowie Technology Corporation BAW56WG Datasheet HTML 2Page - Zowie Technology Corporation BAW56WG Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIGURE 4. FORWARD CURRENT IF=f(Ts)
FIGURE 5. FORWARD CURRENT IF=f(VF)
Ta=25
OC
FIGURE 7. PERMISSIBLE PULSE LOAD
IF max. / IFDC=f(tp)
Zowie Technology Corporation
BAW56WG
Zowie Technology Corporation
REV. 0
0
20
40
60
80
100
120
(°C)
150
TS
0
50
100
150
200
300
150
100
50
0
V
F
1.5
(V)
1.0
0.5
0
typ
max
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
s
tp
tp
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
0
10
1
10
2
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
FIGURE 6. PERMISSIBLE PULSE LOAD
R JS=f(tp)


Similar Part No. - BAW56WG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BAW56WG-AE3-R UTC-BAW56WG-AE3-R Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAW56WG-AL3-R UTC-BAW56WG-AL3-R Datasheet
121Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
More results

Similar Description - BAW56WG

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
MMBD7000G ZOWIE-MMBD7000G Datasheet
46Kb / 2P
   Dual Switching Diode Lead free product
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE Lead free product
BAS21G ZOWIE-BAS21G Datasheet
85Kb / 2P
   High Voltage Switching Diode Lead free product
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com