Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C14D16P-B3A Datasheet(PDF) 3 Page - CUI INC

Part # C14D16P-B3A
Description  panel mount optical encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

C14D16P-B3A Datasheet(HTML) 3 Page - CUI INC

  C14D16P-B3A Datasheet HTML 1Page - CUI INC C14D16P-B3A Datasheet HTML 2Page - CUI INC C14D16P-B3A Datasheet HTML 3Page - CUI INC C14D16P-B3A Datasheet HTML 4Page - CUI INC C14D16P-B3A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev.
page
date
DESCRIPTION: panel mount optical encoder
3 of 5
09/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: C14
Mounting Hole dimensions and
Footprint for D (±0.5 mm)
Mounting panel thickness: 3.5 mm max.
Mounting Hole Dimensions
(for A, B, and C)
Mounting panel thickness: 3.5 mm max.
CUIINC
CUIINC
CUIINC
CUIINC
OPTIONS


Similar Part No. - C14D16P-B3A

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14D16P-B3A CUI-C14D16P-B3A Datasheet
412Kb / 5P
   panel mount optical encoder
C14D16P-B3A CUI-C14D16P-B3A Datasheet
543Kb / 7P
   PANEL MOUNT ENCODER
10/14/2020
logo
CUI Devices
C14D16P-B3A CUID-C14D16P-B3A Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
C14D16P-B3A3 CUID-C14D16P-B3A3 Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
More results

Similar Description - C14D16P-B3A

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
logo
CUI Devices
C14 CUID-C14 Datasheet
512Kb / 7P
   PANEL MOUNT ENCODER
08/05/2022
logo
CUI INC
C14 CUI-C14_V01 Datasheet
543Kb / 7P
   PANEL MOUNT ENCODER
10/14/2020
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
C&K Components
ENC CK-COMPONENTS-ENC Datasheet
398Kb / 4P
   Optical Encoder
13 Sep 22
logo
Lin Eng. Inc.
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
   OPTICAL ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com