Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACZ12BR3E-17.5F-D1-12C Datasheet(PDF) 1 Page - CUI INC

Part # ACZ12BR3E-17.5F-D1-12C
Description  mec hanic al incr emen tal encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ12BR3E-17.5F-D1-12C Datasheet(HTML) 1 Page - CUI INC

  ACZ12BR3E-17.5F-D1-12C Datasheet HTML 1Page - CUI INC ACZ12BR3E-17.5F-D1-12C Datasheet HTML 2Page - CUI INC ACZ12BR3E-17.5F-D1-12C Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
page
10/2009
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ12
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
10 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
12 V dc max.
output resolution
12, 24 ppr
switch rating
12 V dc, 50 mA (ACZ12BRXE models only)
insulation resistance
300 V dc, 100 MΩ
withstand voltage
300 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
3
kgf
rotational torque
with detent click
without detent click
30
60
80
200
100
gf•cm
gf•cm
push switch operational force
(ACZ12BRXE models only)
300
900
gf•cm
push switch life
(ACZ12BRXE models only)
50,000
rotational life
30,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
75
°C
storage temperature
-20
85
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ12 X BR X E- XX XX X1- XXX
Version:
“blank” = switch*
N = no switch
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
24 = 24 ppr, no detent
24C = 24 ppr, 24 detent
Bushing:
2 = 5 mm
3 = 2 mm
Shaft length:
KQ: 15, 20
F: 17.5, 20, 25
Shaft type:
KQ, F
Mounting orientation:
A = Horizontal (*Not Available with Switch)
D = Vertical


Similar Part No. - ACZ12BR3E-17.5F-D1-12C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACZ1000RE OHMITE-ACZ1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ11BR1E-15F-A1-12 CUI-ACZ11BR1E-15F-A1-12 Datasheet
189Kb / 3P
   mechanical incremental encoder
More results

Similar Description - ACZ12BR3E-17.5F-D1-12C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ16 CUI-ACZ16 Datasheet
106Kb / 3P
   mec hanic al incr emen tal encoder
logo
List of Unclassifed Man...
SW-18010 ETC1-SW-18010 Datasheet
34Kb / 1P
   MEC Shake Switch
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
Suntan Capacitors
TS02B SUNTAN-TS02B_17 Datasheet
174Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
logo
Lanner All Rights Reser...
HTCA-E400 LANNER-HTCA-E400 Datasheet
3Mb / 2P
   Carrier-grade Edge Server Chassis for Open RAN / MEC
V.2-2022, 11, 17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com