Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5411TILZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5411TILZ-T13
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411TILZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5411TILZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5411TILZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6837.1
October 8, 2009
EL5411T
Electrical Specifications
VS+ = +18V, VS- = 0V, RL = 1kΩ to 9V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 9V
3.5
17
mV
TCVOS
Average Offset Voltage Drift (Note 3)
14 LD HTSSOP package
21
µV/°C
16 LD TQFN package
5
µV/°C
IB
Input Bias Current
VCM = 9V
2
60
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+18.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -0.5V to 18.5V
53
75
dB
AVOL
Open-Loop Gain
0.5V
≤ V
OUTx ≤ 17.5V
62
104
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -6mA
80
150
mV
VOH
Output Swing High
IL = +6mA
17.85
17.92
V
ISC
Short-circuit Current
VCM = 9V, Source: VOUTx short to VS-,
Sink: VOUTx short to VS+
±300
mA
IOUT
Output Current
±70
mA
POWER SUPPLY PERFORMANCE
(VS+) - (VS-)
Supply Voltage Range
4.5
19
V
IS
Supply Current
VCM = 9V, No load
12.3
15
mA
PSRR
Power Supply Rejection Ratio
Supply is moved from 4.5V to 19V
60
75
dB
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 4)
1V
≤ VOUTx ≤ 17V, 20% to 80%
100
V/µs
tS
Settling to +0.1% (Note 5)
AV = +1, VOUTx = 2V step,
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
100
ns
BW
-3dB Bandwidth
RF = 1kΩ, CL = 1.5pF
60
MHz
GBWP
Gain-Bandwidth Product
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
32
MHz
PM
Phase Margin
AV = -10, RF = 1kΩ, RG = 100Ω
RL = 1kΩ || 1kΩ (probe), CL = 1.5pF
50
°
CS
Channel Separation
f = 5MHz
90
dB
NOTES:
3. Measured over -40°C to +85°C ambient operating temperature range. See the typical TCVOS production distribution shown in the
“Typical Performance Curves” on page 6.
4. Typical slew rate is an average of the slew rates measured on the rising (20% to 80%) and the falling (80% to 20%) edges of the output signal.
5. Settling time measured as the time from when the output level crosses the final value on rising/falling edge to when the output level settles within
a ±0.1% error band. The range of the error band is determined by: Final Value(V)±[Full Scale(V)*0.1%].


Similar Part No. - EL5411TILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411TILZ INTERSIL-EL5411TILZ Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411TILZ RENESAS-EL5411TILZ Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results

Similar Description - EL5411TILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com