Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1809-2 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 1809-2
Description  Pin Jack To Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

1809-2 Datasheet(HTML) 1 Page - Pomona Electronics

  1809-2 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90549 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d1809_1_01.doc
Page 1 of
1
Model 1809
Pin Jack To Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits pin tip cords to be used with equipment having banana jacks.
MATERIALS:
Upper Conn.: Pin Jack
Material: Spring – Beryllium Copper per QQ-C-533, Berylco 25, Cond. H.T.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074, 200/300
microinches
Insulation: ABS molded to pin jack and banana plug body.
Marking: “1809” “POMONA ELECTRONICS CALIF.”
Lower Conn.: Standard Banana Plug
Material: Spring – Beryllium Copper per QQ-C-533, Berylco 25, Cond. HT.
Plug Body – Brass per QQ-B-626,
Alloy 360, ½ Hard
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 micro-inches.
RATINGS:
Operating Voltage: 2500 WVDC
Operating Temperature: +50
°C. (+122°F.) Max.
Current: 5 Amperes
ORDERING INFORMATION: Model 1809-*
*= Color, -0 Black, -2 Red
Ordering Example: 1809-2 Adapter Color is Red
Other colors available on special request.


Similar Part No. - 1809-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1809 ETC2-1809 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
logo
Heyco.
1809 HEYCO-1809 Datasheet
138Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Right Angle
logo
Aries Electronics, Inc.
18090 ARIES-18090 Datasheet
621Kb / 1P
   P/N 48-6645-18 48-Pin 0.5mm QFP-to-48-Pin 0.600
logo
PHOENIX CONTACT
1809005 PHOENIX-1809005 Datasheet
107Kb / 7P
   Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR
1809006 PHOENIX-1809006 Datasheet
151Kb / 5P
   MSTB 2,5/21-G-5,08
More results

Similar Description - 1809-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
3834 POMONA-3834 Datasheet
24Kb / 1P
   Banana Jack To Pin Jack Adapter
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
2477 POMONA-2477 Datasheet
25Kb / 1P
   Miniature Banana Jack To Standard Banana Plug Adapter
72914 POMONA-72914 Datasheet
119Kb / 1P
   4mm Safety Banana Jack to 2mm Banana Plug Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
   4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
4771 POMONA-4771 Datasheet
39Kb / 1P
   Square Pin Receptacle To Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com