Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK150W-Q48-S15 Datasheet(PDF) 4 Page - CUI INC

Part # VHK150W-Q48-S15
Description  chassis mount dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK150W-Q48-S15 Datasheet(HTML) 4 Page - CUI INC

  VHK150W-Q48-S15 Datasheet HTML 1Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 2Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 3Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 4Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 5Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 6Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 7Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 8Page - CUI INC VHK150W-Q48-S15 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
4 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK150W
APPLICATION NOTES
1. OUTPUT DE-RATING
The operating ambient temperature range for VHK150W is -40 ~ +85°C, with the actual output power subject to the following
de-rating curves at free-air convection and at forced air conditions. To ensure long-term reliability, it is important to ensure proper
cooling at the worst operating conditions. Please note the derating curves may improve if the converter is mounted on a metal
surface to allow heat conduction.
FIGURE 1. OUTPUT DERATING
2. INPUT VOLTAGE RANGE
It is important to ensure the input voltage measured at the converter input pins is within the range for that converter. Make sure wire
losses and voltage ripples are accounted for. One possible problem is driving the converter with a linear unregulated power supply.
For example, if the average voltage measured by a DMM is 9V, with a voltage ripple of 3Vpp, the actual input can swing from 7.5V to
10.5V. This will be outside the specified input range of 10-36V and the converter may not function properly. On the other end, make
sure the actual input voltage does not exceed the highest voltage of 36V or 75V.
3. LEAD WIRES
Make sure the input and output wires are of adequate AWG size to minimize voltage drop, and ensure the voltage across the input
terminals is above the converter's rated minimum voltage at all times. It is recommended to have the wire pairs twisted, respectively
for the input pair and the output pair, so as to minimize noise pickup.
VHK150W Power Derating Curves @ nominal input voltage
0%
20%
40%
60%
80%
100%
120%
-40
45
50
55
60
65
70
75
80
85
Ambient Temperature - degrees C
Natural
Convection
0.5 m/S
(100LFM)
1.0 m/S
(200LFM)
1.5 m/S
(300LFM)
2.0 m/S
(400LFM)
2.5 m/S
(500LFM)
3.0 m/S
(600LFM)
3.5 m/S
(700LFM)


Similar Part No. - VHK150W-Q48-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK150W-Q48-S15 CUI-VHK150W-Q48-S15 Datasheet
529Kb / 8P
   DC-DC CONVERTER
VHK150W-Q48-S15 CUI-VHK150W-Q48-S15 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
VHK150W-Q48-S15-DIN CUI-VHK150W-Q48-S15-DIN Datasheet
543Kb / 8P
   DC-DC CONVERTER
VHK150W-Q48-S15-DIN CUI-VHK150W-Q48-S15-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
More results

Similar Description - VHK150W-Q48-S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com