Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK75W-Q24-S24 Datasheet(PDF) 3 Page - CUI INC

Part # VHK75W-Q24-S24
Description  chassis mount dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK75W-Q24-S24 Datasheet(HTML) 3 Page - CUI INC

  VHK75W-Q24-S24 Datasheet HTML 1Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 2Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 3Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 4Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 5Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 6Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 7Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 8Page - CUI INC VHK75W-Q24-S24 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B
B
B
B
REV.
DESCRIPTION
DATE
A
NEW DRAWING
4/22/2008
B
dimension updates
8/27/2008
*DIN rail mounting kit available (part# VHK-DIN)
+ V out
Case
Remote
Trim
- S
- V out
±0.3mm UNLESS OTHERWISE
+ S
- V in
+ V in
Terminal #
9
8
7
6
5
4
3
2
1
Material
TOLERANCE:
SPECIFIED
B
Description
Website: www.cui.com
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Aluminum/Steel
VHKXXW Series
VHK
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
VHKXXW Series
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
1:2
REV:
107.5 4.232
86.3 3.398
(TYP)
0.614
101.76 4.006
15.6
38.0 1.496
45
69
8
7
12
3
B
26.50
18.75
0.382
(TYP)
1.043
(2 PLCS)
(2 PLCS)
0.738
2.756
3.583
91.0
70.0
9.70
9.5 0.374
(TYP)


Similar Part No. - VHK75W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W-Q24-S24 CUI-VHK75W-Q24-S24 Datasheet
563Kb / 9P
   chassis mount dc-dc converter
VHK75W-Q24-S24 CUI-VHK75W-Q24-S24 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
VHK75W-Q24-S24 CUI-VHK75W-Q24-S24 Datasheet
607Kb / 9P
   DC-DC CONVERTER
VHK75W-Q24-S24 CUI-VHK75W-Q24-S24 Datasheet
2Mb / 9P
   DC-DC CONVERTER
01/05/2022
VHK75W-Q24-S24-DIN CUI-VHK75W-Q24-S24-DIN Datasheet
599Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - VHK75W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com