Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK50W-Q24-S24 Datasheet(PDF) 8 Page - CUI INC

Part # VHK50W-Q24-S24
Description  chassis mount dc-dc converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK50W-Q24-S24 Datasheet(HTML) 8 Page - CUI INC

Back Button VHK50W-Q24-S24 Datasheet HTML 3Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 4Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 5Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 6Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 7Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 8Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 9Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 10Page - CUI INC VHK50W-Q24-S24 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
8 of 11
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK50W
14. OUTPUT SERIES CONNECTIONS
Two or more converters can be connected in series to obtain a higher output voltage. To prevent output reverse biasing each other in
case of a short, add a Schottky diode on each output in reverse polarity, as shown in the diagram. In the event of a short, the
converters will forward-bias the diodes and the output reversal will be limited to one diode drop (about 0.5V) only, so as not to
damage the converters. The forward current will cause each converter to go into short-circuit protection.
For proper diode selection,
make sure that: 1) the diodes voltage rating is higher than each converter output; 2) the rated diode current can carry the short-circuit
current; 3) the diodes do not overheat before the short is removed.
15. REMOTE OUTPUT ON/OFF CONTROL
The converter output can be enabled or disabled through the On/Off pin. The control logic is shown in this table. A common control
circuit is shown below. The standard version defaults to positive logic. For negative logic, indicate the selection when ordering.
16. ISOLATION
The input and output of the converter are electrically isolated. If needed, an output terminal can be connected to an input terminal,
resulting in the converter non-isolated.
Logic Table
Negative logic
Positive logic
SW Closed (V
<0.8 V) Output on
Output off
SW Open (V
>2.4 V)
Output off
Output on
REM
REM
SW
High signal here
disable output
-Vin (pin 4)
REM (pin 2)
REM
-Vin
SW
REM
-Vin
-Vo
+Vo
FIGURE 8. REMOTE ON/OFF CONTROL
FIGURE 9. REMOTE ON/OFF CONTROL
WITH TRANSISTOR SWITCH
+Vin
-Vin
+Vo
-Vo
+Vin
-Vin
+Vo
-Vo
FIGURE 7. OUTPUT
SERIES CONNECTIONS


Similar Part No. - VHK50W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK50W-Q24-S24 CUI-VHK50W-Q24-S24 Datasheet
419Kb / 9P
   DC-DC CONVERTER
VHK50W-Q24-S24-DIN CUI-VHK50W-Q24-S24-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
VHK50W-Q24-S24-DIN CUI-VHK50W-Q24-S24-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VHK50W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com