Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHK75W Datasheet(PDF) 6 Page - CUI INC

Part # VHK75W
Description  chassis mount dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK75W Datasheet(HTML) 6 Page - CUI INC

  VHK75W_09 Datasheet HTML 1Page - CUI INC VHK75W_09 Datasheet HTML 2Page - CUI INC VHK75W_09 Datasheet HTML 3Page - CUI INC VHK75W_09 Datasheet HTML 4Page - CUI INC VHK75W_09 Datasheet HTML 5Page - CUI INC VHK75W_09 Datasheet HTML 6Page - CUI INC VHK75W_09 Datasheet HTML 7Page - CUI INC VHK75W_09 Datasheet HTML 8Page - CUI INC VHK75W_09 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
6 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK75W
9. OUTPUT TRIMMING (OPTIONAL)
The output voltages are preset to nominal values as indicated by the models table at the factory. If desired, the output voltage may
optionally be trimmed to a different value (+/- 10%) with external resistors and/or potentiometer as shown below.
To trim the output voltage with fixed resistors, the output voltage can be calculated as follows.
Trim-Up
Trim-Down
FIGURE 4: TRIM-UP VOLTAGE SETUP
FIGURE 5: TRIM-DOWN VOLTAGE SETUP
The value of Rtrim-up is defined as:
The value of Rtrim-down is defined as:
Where: Rtrim-up is the external resistor in KΩ. Vo,nom is the
Where: Rtrim-down is the external resistor in KΩ. Vo,nom is the
nominal output voltage. Vo is the desired output voltage.
nominal output voltage. Vo is the desired output voltage.
R1 and R2 are internal to the unit and are defined in Table 1.
R1 and R2 are internal to the unit and are defined in Table 2.
For example, to trim-up the output voltage of 5.0V module
For example, to trim-down the output voltage of 5.0V module
(VHK75W-Q48-S5) by 8% to 5.4V, Rtrim-up is calculated
(VHK75W-Q48-S5) by 8% to 4.6V, Rtrim-down is calculated
as follows:
as follows:
R load
10K
Ω
Trimpot
+Vin
-Vin
-Vo
-S
Trim
+S
+Vo
R load
R trim-up
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
R load
R trim-down
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
FIGURE 3. TRIMMING WITH
EXTERNAL POTENTIOMETER
R2 = 8.2 KΩ
R1 = 5.8 KΩ
o
o, nom = 5.4 - 5.0 = 0.4 V
V - V
=
= 6.3 (KΩ)
R
0.4
trim-up
5.8 - 8.2 x 0.4
V
- V
=
= 3.98 (KΩ)
R
0.4
trim-down
5.8 - 10.52 x 0.4
R2 = 10.52 KΩ
R1 = 5.8 KΩ
o
o, nom
= 5.0 - 4.6 = 0.4 V
=
(KΩ)
R
o
o, nom
V - V
o
o, nom
trim-up
R1 - R2 x (V - V
)
=
(KΩ)
R
o
o, nom
V
- V
o
o, nom
trim-down
R1 - R2 x (V
- V )
16.67
14.76
13.304
8.2
7.2
Ω
Ω
42.33
25.474
19.656
5.8
3.168
24V
15V
12V
5V
3.3V
Table 1
120
94
60.1
10.52
15
Ω
Ω
430
150
86.45
5.8
6.18
24V
15V
12V
5V
3.3V
Table 2


Similar Part No. - VHK75W_09

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W-DIN CUI-VHK75W-DIN Datasheet
599Kb / 9P
   DC-DC CONVERTER
VHK75W-DIN CUI-VHK75W-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
09/06/2021
VHK75W-DIN CUI-VHK75W-DIN_V01 Datasheet
1Mb / 9P
   DC-DC CONVERTER
09/06/2021
VHK75W-Q24-S12 CUI-VHK75W-Q24-S12 Datasheet
563Kb / 9P
   chassis mount dc-dc converter
VHK75W-Q24-S12 CUI-VHK75W-Q24-S12 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results

Similar Description - VHK75W_09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com