Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAWQ12-Q24-S5 Datasheet(PDF) 1 Page - CUI INC

Part # VAWQ12-Q24-S5
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAWQ12-Q24-S5 Datasheet(HTML) 1 Page - CUI INC

  VAWQ12-Q24-S5 Datasheet HTML 1Page - CUI INC VAWQ12-Q24-S5 Datasheet HTML 2Page - CUI INC VAWQ12-Q24-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: dc-dc converter
1 of 4
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAWQ12
features
·efficiency up to 88%
·wide (4:1) input range
·12 W rated power output
·I/O isolation: 1500 V dc
·DIP24 package
·industry standard pinout
·five-sided metal shielding package
·temperature range: -40°C~+85°C
·over voltage protection
·short circuit protection
·remote ON/OFF
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
9~36 V dc
24
40
V dc
18~75 V dc
48
80
V dc
start-up time
input voltage range, refer to output load
500
ms
under voltage protection
nominal input 24 V, dc-dc module ON
8.8
9
V dc
nominal input 24 V, dc-dc module OFF
8.3
8.5
V dc
nominal input 48 V, dc-dc module ON
17
17.5
V dc
nominal input 48 V, dc-dc module OFF
16.5
17
V dc
CTRL
dc-dc module ON (or open circuit)
3
40
V dc
dc-dc module OFF
0
1.2
V dc
OUTPUT
parameter
conditions/description
min
nom
max
units
output power
25°C ambient temperature
12
W
voltage accuracy
refer to recommended circuit
±1
±3
%
ripple & noise
@ 20MHz Bandwidth
85
mVpp
line regulation
input voltage from low to high
±0.2
±0.5
%
load regulation
10% to 100% full load
±0.5
±1.5
%
temperature coefficient
refer to recommended circuit
0.02
%/°C
switching frequency
10~100% load, nominal input
350
400
450
kHz
over voltage protection
3.3 V output
4.3
V dc
5 V output
6
V dc
12 V output
13
V dc
15 V output
16
V dc
short circuit protection
continuous, automatic recovery
description
Designed to convert a wide input
voltage range into an isolated
regulated voltage, the VAWQ12
series is well suited for data
transfer equipment, battery
operated equipment, distributed
power systems, mix analog/digital
systems, remote control systems,
industrial robot systems, etc...
MODEL
input voltage
no load
output voltage
output current
efficiency
nominal
range
max.
typ.
(V dc)
max.
min.
typ.
(V dc)
(V dc)
(V dc)
(mA)
(mA)
(mA)
(%)
VAWQ12-Q24-S3R3
24
9.0~36.0
40
55
3.3
3500
0
85
VAWQ12-Q24-S5
24
9.0~36.0
40
55
5
2400
0
86
VAWQ12-Q24-S12
24
9.0~36.0
40
25
12
1000
0
86
VAWQ12-Q24-S15
24
9.0~36.0
40
25
15
800
0
86
VAWQ12-Q48-S3R3
48
18.0~75.0
80
20
3.3
3500
0
85
VAWQ12-Q48-S5
48
18.0~75.0
80
20
5
2400
0
87
VAWQ12-Q48-S12
48
18.0~75.0
80
10
12
1000
0
87
VAWQ12-Q48-S15
48
18.0~75.0
80
10
15
800
0
88


Similar Part No. - VAWQ12-Q24-S5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAWQ12-Q24-S5 CUI-VAWQ12-Q24-S5 Datasheet
993Kb / 5P
   DC-DC CONVERTER
07/28/2021
More results

Similar Description - VAWQ12-Q24-S5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com