Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAWQ12-Q24-S5 Datasheet(PDF) 2 Page - CUI INC

Part # VAWQ12-Q24-S5
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAWQ12-Q24-S5 Datasheet(HTML) 2 Page - CUI INC

  VAWQ12-Q24-S5 Datasheet HTML 1Page - CUI INC VAWQ12-Q24-S5 Datasheet HTML 2Page - CUI INC VAWQ12-Q24-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
2 of 4
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAWQ12
GENERAL SPECIFICATIONS
parameter
conditions/description
temperature rise at full load
95°C typ., 105°C max.
cooling
free air convection
operating temp. range
-40°C ~ +85°C
(power derating at 55°C, refer to temperature derating graph)
storage temp. range
-55°C ~ +125°C
reflow soldering temp.
300°C
(for 10 seconds, 1.5 mm from case)
storage humidity range
≤95%
case material
copper plated nickel
weight
18.5 g (typ.)
MTBF
>1,000,000 hours
MIL-HDBK-217F (25°C)
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
input/output, flash tested for 1 min.
1500
V dc
input/output/case, flash tested for 1 min.
1500
V dc
isolation resistance
tested at 500 V dc
1000
M
Ω
tested at 500 V dc
1000
M
Ω
isolation capacitance
1100
pF
notes:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise specified.
2. When the product begins to work, the temperature may rise slowly until stable. It is normal that output voltage derating and efficiency reduce about 2%
during this process.
3. The CTRL pin voltage is referenced to GND.


Similar Part No. - VAWQ12-Q24-S5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAWQ12-Q24-S5 CUI-VAWQ12-Q24-S5 Datasheet
993Kb / 5P
   DC-DC CONVERTER
07/28/2021
More results

Similar Description - VAWQ12-Q24-S5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com