Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUI-103E-10 Datasheet(PDF) 1 Page - CUI INC

Part # CUI-103E-10
Description  NEW DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CUI-103E-10 Datasheet(HTML) 1 Page - CUI INC

  CUI-103E-10 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION: .1" PITCH CONNECTOR
1
TERMINAL CONNECTOR
VENDOR: AMP
PART NO: 3-640440-5
QTY: 1
REV.
DESCRIPTION
DATE
A
NEW DRAWING
5/29/2008
B
_
5V
A
A
_
X
CHIP P/N: ST26C31B
A
-40 ~ 85°C
OPPERATING TEMPERATURE
NOTE:
SPECIFIED
±0.3mm UNLESS OTHERWISE
Website: www.cui.com
RoHS
GREEN
Fax: 503-612-2383
green
WHITE
brown
ORANGE
WHITE
orange
BLUE
WHITE
blue
BROWN
WHITE
(1)
BROWN
(2)
PURPLE
(3)
BLUE
(4)
ORANGE
(5)
CABLE COLOR
CABLE COLOR
OUTPUT TYPE
OUTPUT TYPE
--
-
GND
GND
X
A5VB
YELLOW
X
TOLERANCE:
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
_
B
CUI-103E-10
AMT103 LINE DRIVER CABLE
1:1
2008 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
CUI-103E-10
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
COPYRIGHT
REV:
SHRINK TUBE
5 conductor
24 AWG
24 AWG
and tinned
stripped
round twisted pair
8 conductor shielded
5
4
3
2
1
15.0 0.591
(1000mm)
1m
0.197
5.0
50.0 1.969


Similar Part No. - CUI-103E-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
CUI-102E-10 CUI-CUI-102E-10 Datasheet
27Kb / 1P
   NEW DRAWING
More results

Similar Description - CUI-103E-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
CUI-102E-10 CUI-CUI-102E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
TOKYO SEIMITSU CO., LTD
ACCTEE ACCRETECH-ACCTEE Datasheet
947Kb / 11P
   New Measurement Style with New Concept
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
   NEW RELEASE
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
   NEW RELEASE
logo
Molex Electronics Ltd.
130112-0178 MOLEX11-130112-0178 Datasheet
31Kb / 1P
   Tube Guard Assembly Lawson / New AWSON / NEW
logo
Sanken electric
SI-7510 SANKEN-SI-7510_11 Datasheet
86Kb / 2P
   New Pentagon Connection
logo
Pericom Semiconductor C...
PT8A2514A PERICOM-PT8A2514A Datasheet
386Kb / 6P
   New Toaster Controller
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
logo
Advantech Co., Ltd.
HIT-R181 ADVANTECH-HIT-R181_V01 Datasheet
533Kb / 2P
   New Revolutionary 18.5
5-Jun-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com