Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM-2F Datasheet(PDF) 2 Page - CUI INC

Part # CPM-2F
Description  peltier cooling unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPM-2F Datasheet(HTML) 2 Page - CUI INC

  CPM-2F Datasheet HTML 1Page - CUI INC CPM-2F Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RADIATING SURFACE
COOLING SURFACE
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/6/2008
SPECIFIED
±0.3mm UNLESS OTHERWISE
A
Website: www.cui.com
TOLERANCE:
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
APPROVED BY:
PELTIER COOLING UNIT
DRAWN BY:
PART NO.
SCALE:
ZRJ
1:1
UNITS:
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
CPM-2F
CPM-2F
PC FILE NAME:
REV:
M4X7 (4 PLCS)
1.260
(2 PLCS)
+20.0
385.0 (15.16)
0.2 (2 PLCS)
-10.0
2.362
60.0
32.0
0.2
4.3 0.169
(4 PLCS)
SCALE: 1:2
VENDOR: JST
PART NO: VHR-2N
70.0 2.756
44.5 1.752
51.0 2.008
55.0 2.165
27.0 1.063
6.0 0.236
6.0 0.236
8.5 0.335


Similar Part No. - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
155Kb / 3P
   6.0 A PELTIER UNIT
CPM-2F CUI-CPM-2F_12 Datasheet
155Kb / 3P
   6.0 A PELTIER UNIT
More results

Similar Description - CPM-2F

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPM-2F CUI-CPM-2F_12 Datasheet
155Kb / 3P
   6.0 A PELTIER UNIT
logo
Hamamatsu Corporation
L8413 HAMAMATSU-L8413 Datasheet
42Kb / 2P
   HIGH POWER CW LASER DIODE with PELTIER-COOLING
logo
Laird Tech Smart Techno...
WL-500 LSTD-WL-500 Datasheet
2Mb / 8P
   READ MANUAL BEFORE OPERATING COOLING UNIT
logo
PHOENIX CONTACT
1237881 PHOENIX-1237881 Datasheet
271Kb / 7P
   Cooling unit - EV-HPC-PCU-01
Nov 16, 2022
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
   PELTIER MODULE
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
CP120 CUI-CP120 Datasheet
297Kb / 4P
   PELTIER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com