Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4N26 Datasheet(PDF) 1 Page - Motorola, Inc

Part # M4N26
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N26 Datasheet(HTML) 1 Page - Motorola, Inc

  M4N26 Datasheet HTML 1Page - Motorola, Inc M4N26 Datasheet HTML 2Page - Motorola, Inc M4N26 Datasheet HTML 3Page - Motorola, Inc M4N26 Datasheet HTML 4Page - Motorola, Inc M4N26 Datasheet HTML 5Page - Motorola, Inc M4N26 Datasheet HTML 6Page - Motorola, Inc M4N26 Datasheet HTML 7Page - Motorola, Inc M4N26 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Transistor Output
The M4N26 device consists of a gallium arsenide infrared emitting diode
optically coupled to a monolithic silicon phototransistor detector.
• Most Economical Optoisolator Choice for Medium Speed, Switching Applications
• Meets or Exceeds All JEDEC Registered Specifications
Applications
• General Purpose Switching Circuits
• Interfacing and coupling systems of different potentials and impedances
• I/O Interfacing
• Solid State Relays
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
with Negligible Power in Output Detector
Derate above 25
°C
PD
100
1.41
mW
mW/
°C
OUTPUT TRANSISTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Collector Voltage
VECO
7
Volts
Collector–Base Voltage
VCBO
70
Volts
Collector Current — Continuous
IC
50
mA
Detector Power Dissipation @ TA = 25°C
with Negligible Power in Input LED
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(2)
TA
– 55 to +100
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. Isolation surge voltage is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Order this document
by M4N26/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
M4N26
SCHEMATIC
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. BASE
1
2
3
6
5
4
STANDARD THRU HOLE
STYLE 1 PLASTIC
1
6
© Motorola, Inc. 1997


Similar Part No. - M4N26

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
More results

Similar Description - M4N26

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Motorola, Inc
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com