Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2854-5 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2854-5
Description  Panel Mount Banana Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2854-5 Datasheet(HTML) 1 Page - Pomona Electronics

  2854-5 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
10/06/05
SY/EH/LS
More drawings available at
W:\pomona\grponly\Datasheet Updates\Updates 2005\d1581_2854_4900_1_02.doc
Page 1 of 1
Models 1581, 2854 & 4900
Panel Mount Banana Jack
FEATURES:
Banana Jacks mount into panels ranging in thickness from .063 (1.6mm) to .375 (9.5mm).
Model 4900 features Polypenylene Sulfide for high temperature applications.
Model 2854 features gold plated body for optimum electrical connection.
Model 1581 features bright tin plating
MATERIALS:
Banana Jack: Body
Brass Nickel Plated, (Model 2854, Brass, Gold Plated)
Insulators: Polycarbonate (Model 4900, High Temperature Polyphenylene Sulfide)
¼ Internal Locking Washer: Steel, Nickel Plated
¼-32 Hex Nut: Brass, Nickel Plated
RATINGS:
Operating Voltage: Hand-held Testing: 30VAC/60VDC Max.
Hand Free Testing in controlled Voltage Environment: 2500 WVDC.
Operating Temperature: +115°C (+239°F), Model 4900 +220°C (+428°F)
Current: 15 Amperes
ORDERING INFORMATION: Model #-Color Code
1581 Std. Colors: -0 Black,-1 Brown,-2 Red,-3 Orange,-4 Yellow,-5 Green, -6 Blue, -7 Violet,-8 Gray, -9 White
2854 Std. Colors: -0 Black, -1 Brown, -2 Red, -4 Yellow, -5 Green, -6 Blue, -8 Gray, -9 White (Other colors
available contact Pomona Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
4900 Std. Colors: -0 Black, -6 Blue.
Sold unassembled, in packages of 10 per color
Ordering Example: 2854-2 Gold Plated Banana Jack, Color: Red


Similar Part No. - 2854-5

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2854-099-000-001 WAGO-2854-099-000-001 Datasheet
285Kb / 3P
   IoT-Box; Energy Data
2854-099-000-003 WAGO-2854-099-000-003 Datasheet
289Kb / 4P
   IoT-Box; Energy Data 4G
2854-099-000-004 WAGO-2854-099-000-004 Datasheet
289Kb / 4P
   IoT-Box; MES 4G
2854-099/000-001 WAGO-2854-099/000-001 Datasheet
285Kb / 3P
   IoT-Box; Energy Data
2854-099/000-003 WAGO-2854-099/000-003 Datasheet
289Kb / 4P
   IoT-Box; Energy Data 4G
More results

Similar Description - 2854-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
   Banana Jack (Panel mount)
logo
Pomona Electronics
1581 POMONA-1581_V01 Datasheet
161Kb / 1P
   Panel Mount Banana Jack
2016
6387 POMONA-6387 Datasheet
147Kb / 1P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
5931 POMONA-5931 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
logo
List of Unclassifed Man...
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
   Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
logo
Adam Technologies, Inc.
BJ-001-XX ADAM-TECH-BJ-001-XX Datasheet
57Kb / 1P
   2.0 BANANA JACK
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com