Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1383-C-48 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 1383-C-48
Description  BNC Male to Right Angle BNC Male
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

1383-C-48 Datasheet(HTML) 1 Page - Pomona Electronics

  1383-C-48 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90541 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d1383_1_01.doc
Page 1 of
1
Model 1383
BNC Male to Right Angle
BNC Male
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Right Angle BNC Provided for Easy Access
• Lengths other than those specified are available upon request.
MATERIALS:
Conn: 1
st End – Right Angle BNC Male.
Body and Fittings: Tarnish Resistant.
Center Contact: Gold Plated per MIL-C-39012.
Cable: RG58C/U. (.195) O.D.
50 Ohms Impedence
Marking: “POMONA 1383-C-XX”.
Conn: 2
nd End-BNC Male.
Body Fittings: Non-tarnish finish.
Center Contact: Gold Plated per MIL-C-39012.
RATINGS: Entire Assembly
Operating Temperature: +50
°C. (+122°F.) Max.
Operating Voltage: Shield-Earth: 30VAC/60VDC Max.
Inner conductor-Shield: 500 VRMS Max.
ORDERING INFORMATION: Model 1383-C-XX
XX=Cable Length, Standard Lengths: 18” (457), 24” (610), 36” (914), 48” (1219), 60” (1524)
Ordering Example: 1383-C-60 indicates 60” (1524)


Similar Part No. - 1383-C-48

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1383-2SDRD-S530-A3 EVERLIGHT-1383-2SDRD-S530-A3 Datasheet
108Kb / 6P
   5.0mm Round Type LED Lamps
1383-2SDRD-S530-A3 EVERLIGHT-1383-2SDRD-S530-A3 Datasheet
108Kb / 6P
   5.0mm Round Type LED Lamps
1383-2SURD EVERLIGHT-1383-2SURD Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
1383-2SURD-S530-A3 EVERLIGHT-1383-2SURD-S530-A3 Datasheet
121Kb / 6P
   5.0mm Round Type LED Lamps
1383-2SURD-S530-A3 EVERLIGHT-1383-2SURD-S530-A3 Datasheet
121Kb / 6P
   5.0mm Round Type LED Lamps
More results

Similar Description - 1383-C-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9758 PASTERNACK-PE9758 Datasheet
241Kb / 2P
   BNC Male to BNC Male Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
   BNC Male to BNC Female Right Angle Adapter
PE38506 PASTERNACK-PE38506 Datasheet
106Kb / 1P
   CABLE ASSEMBLY, RG55B/U BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE
PE3025-36 PASTERNACK-PE3025-36 Datasheet
115Kb / 1P
   cable assembly, rg58c/u, bnc male right angle to bnc male right angle
PE3025-48 PASTERNACK-PE3025-48 Datasheet
115Kb / 1P
   cable assembly, rg58c/u, bnc male right angle to bnc male right angle
PE39185-12 PASTERNACK-PE39185-12 Datasheet
105Kb / 1P
   CAMLE ASSEMBLY, PE-C100, BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE
PE3044-36 PASTERNACK-PE3044-36 Datasheet
137Kb / 1P
   cable assembly, rg142c/u, bnc male right angle to bnc male right angle
PE3044-72 PASTERNACK-PE3044-72 Datasheet
137Kb / 1P
   cable assembly, rg142c/u, bnc male right angle to bnc male right angle
PE38249 PASTERNACK-PE38249 Datasheet
115Kb / 1P
   ABLE ASSEMBLY, PE-B100,BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com