Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRN768SL103JAM Datasheet(PDF) 5 Page - American Accurate Components, Inc.

Part # CRN768SL103JAM
Description  Thick Film Chip Resistor Arrays & Networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN768SL103JAM Datasheet(HTML) 5 Page - American Accurate Components, Inc.

  CRN768SL103JAM Datasheet HTML 1Page - American Accurate Components, Inc. CRN768SL103JAM Datasheet HTML 2Page - American Accurate Components, Inc. CRN768SL103JAM Datasheet HTML 3Page - American Accurate Components, Inc. CRN768SL103JAM Datasheet HTML 4Page - American Accurate Components, Inc. CRN768SL103JAM Datasheet HTML 5Page - American Accurate Components, Inc. CRN768SL103JAM Datasheet HTML 6Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
American Accurate Components, Inc.
CRN Series Thick Film Chip Resistor Arrays & Networks
The content of this specification may change without notification 08/24/07
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
5
CRN76-8V Convex-Round
CRN76-15SU Convex-Round
L
10.16
±0.20
L
10.16
±0.20
W
7.62
± 0.20
W
7.62
± 0.20
t
0.70
± 0.20
t
0.70
± 0.20
a
0.80
± 0.20
a
0.80
± 0.20
b
0.80
± 0.20
b
0.80
± 0.20
c
c
p
1.27
± 0.10
p
1.27
± 0.10
ELECTRICAL CHARACTERISTICS
Test Item
Conditions of Test
Test Results
Life/Endurance Test
EIA 575,
π 3.14
1000 hours at 70
°C, 1.5 hours “on”, 0.5 hours “off”
± 1.5%
Shot Time Overload
EIA 575,
π 3.6
Short time overload
± 0.5%
Thermal Shock
EIA 575,
π 3.5
± 0.5%
Moisture Resistance
EIA 575,
π 3.10
± 1.0%
Resistance to Soldering Heat
EIA 575,
π 3.8
10 seconds at 260
°C solder bath temperature
± 2.0%
High Temperature Exposure
EIA 575,
π 3.7
± 1.0%
Low Temperature Operations
EIA 575,
π 3.6
± 0.5%
Solderability & Leaching
EIA 575,
π 3.12
95% Coverage
DERATING CURVE
The resistor shall have a power rating based on continuous full-
load operation at an ambient temperature of 70
°C, the load shall
be derated in accordance with the figure below.


Similar Part No. - CRN768SL103JAM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN768SC103FAB AAC-CRN768SC103FAB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN768SC103FAM AAC-CRN768SC103FAM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN768SC103FBB AAC-CRN768SC103FBB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN768SC103FBM AAC-CRN768SC103FBM Datasheet
1Mb / 5P
   Resistor Arrays & Networks
CRN768SC103FCB AAC-CRN768SC103FCB Datasheet
1Mb / 5P
   Resistor Arrays & Networks
More results

Similar Description - CRN768SL103JAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com