Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT-M322RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BT-M322RD
Description  9.20mm(0.36) high three digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BT-M322RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BT-M322RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BT-M322RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BT-M322RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BT
T--M
M3
32
22
2R
RD
D
Ver.2.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.1
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
3.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
568
-
nm
Dominant Wave Length
λ
d
IF=10mA
567
-
572
nm
Spectral Line Half-width
∆λ
IF=10mA
-
30
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BT-M322RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BT-M322RD YSTONE-BT-M322RD Datasheet
124Kb / 1P
   THREE DIGIT LED DISPLAYS
More results

Similar Description - BT-M322RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-M325RD BRIGHT-BT-M325RD Datasheet
276Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M324RD BRIGHT-BT-M324RD Datasheet
220Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BQ-M32DRD BRIGHT-BQ-M32DRD Datasheet
305Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-M324RD BRIGHT-BQ-M324RD Datasheet
207Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-M326RD BRIGHT-BQ-M326RD Datasheet
287Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N323RD BRIGHT-BQ-N323RD Datasheet
202Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N326RD BRIGHT-BQ-N326RD Datasheet
203Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N32DRD BRIGHT-BQ-N32DRD Datasheet
223Kb / 3P
   9.20mm (0.36 )high four digit seven segments display.
BQ-N324RD BRIGHT-BQ-N324RD Datasheet
302Kb / 3P
   9.20mm (0.36) high four digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com