Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT-C51DRD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BT-C51DRD
Description  14.20mm(0.56) high three digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BT-C51DRD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BT-C51DRD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BT-C51DRD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BT-C51DRD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image






















    
SINCE 1981

2.4"5 6*151478'(


9
/1  /
1."

:
 ")# $

:
;
< "+!$
=


9< "+!$
=
)!0>7?*@


63 $


A##!
 #
5(B:
5
$ #!

5(B:
5
$ #!
>' < 4 0
 
' < $ 
5





" 0/0"2 0" /0 /40478'(


9

/1  /
1."  6

6*
:
< " $
 
=C
5
2


,! !=0$
=3
=C
5
2
5

63+!$
=
C
5
5


9;3,
#
=C
5
''
5

) ;3,

=C
5
'(
5

$#,* 5"
D
=C
5

5






佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BT-C51DRD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BT-C51DRD YSTONE-BT-C51DRD Datasheet
116Kb / 1P
   THREE DIGIT LED DISPLAYS
More results

Similar Description - BT-C51DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-M55DRD BRIGHT-BT-M55DRD Datasheet
201Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M515RD BRIGHT-BT-M515RD Datasheet
259Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C55DRD BRIGHT-BT-C55DRD Datasheet
237Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A513RD BRIGHT-BT-A513RD Datasheet
274Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M555RD BRIGHT-BT-M555RD Datasheet
195Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-N556RD BRIGHT-BT-N556RD Datasheet
207Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A554RD BRIGHT-BT-A554RD Datasheet
299Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C512RD BRIGHT-BT-C512RD Datasheet
276Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M553RD BRIGHT-BT-M553RD Datasheet
175Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-N512RD BRIGHT-BT-N512RD Datasheet
183Kb / 3P
   14.20mm(0.56) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com