Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J15 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F86J15
Description  64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
Download  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J15 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F86J15 Datasheet HTML 1Page - Microchip Technology PIC18F86J15 Datasheet HTML 2Page - Microchip Technology PIC18F86J15 Datasheet HTML 3Page - Microchip Technology PIC18F86J15 Datasheet HTML 4Page - Microchip Technology PIC18F86J15 Datasheet HTML 5Page - Microchip Technology PIC18F86J15 Datasheet HTML 6Page - Microchip Technology PIC18F86J15 Datasheet HTML 7Page - Microchip Technology PIC18F86J15 Datasheet HTML 8Page - Microchip Technology PIC18F86J15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 410 page
background image
© 2009 Microchip Technology Inc.
DS39663F-page 1
PIC18F87J10 FAMILY
Special Microcontroller Features:
• Operating Voltage Range: 2.0V to 3.6V
• 5.5V Tolerant Input (digital pins only)
• On-Chip 2.5V Regulator
• Low-Power, High-Speed CMOS Flash Technology
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) with Three Break points via
Two Pins
• Power-Managed modes:
- Run: CPU on, peripherals on
- Idle: CPU off, peripherals on
- Sleep: CPU off, peripherals off
• Flash Program Memory:
- 1000 erase/write cycle endurance typical
- 20 year retention minimum
- Self-write capability during normal operation
Flexible Oscillator Structure:
• Two Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL)
• Two External Clock modes, up to 40 MHz
• Internal 31 kHz Oscillator
• Secondary Oscillator using Timer1 @ 32 kHz
• Two-Speed Oscillator Start-up
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
(PORTB and PORTC)
• Four Programmable External Interrupts
• Four Input Change Interrupts
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced Capture/Compare/PWM (ECCP)
modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
• Two Master Synchronous Serial Port (MSSP)
modules Supporting 3-Wire SPI (all 4 modes) and
I2C™ Master and Slave modes
• Two Enhanced Addressable USART modules:
- Supports RS-485, RS-232 and LIN/2602
- Auto-wake-up on Start bit
- Auto-Baud Detect (ABD)
• 10-Bit, up to 15-Channel Analog-to-Digital
Converter module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
- Self-calibration feature
• Dual Analog Comparators with Input Multiplexing
External Memory Bus
(PIC18F8XJ10/8XJ15 only):
• Address Capability of up to 2 Mbytes
• 8-Bit or 16-Bit Interface
• 12-Bit, 16-Bit and 20-Bit Addressing modes
64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
with nanoWatt Technology


Similar Part No. - PIC18F86J15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J15 MICROCHIP-PIC18F86J15 Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
PIC18F86J15 MICROCHIP-PIC18F86J15 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F86J15I/PTQTP MICROCHIP-PIC18F86J15I/PTQTP Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F86J15I/PTSQTP MICROCHIP-PIC18F86J15I/PTSQTP Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
More results

Similar Description - PIC18F86J15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J50 MICROCHIP-PIC18F87J50 Datasheet
8Mb / 480P
   64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
2007
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com