Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMSR-78-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMSR-78-NZ
Description  Up to 7.5Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR-78-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMSR-78-NZ Datasheet HTML 1Page - AIMTEC AMSR-78-NZ Datasheet HTML 2Page - AIMTEC AMSR-78-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMSR-78-NZ
Up to 7.5Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.B
3 of 3
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. Aimtec may not have conducted destructive testing or chemical analysis on all internal
components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other the ones listed in this datasheet.
AMSR-78XX- NZ
1
3
2
Vout
Vin
GND
GND
C2
100µF
C1
10µF
Standard Application Circuit
C1: A low ESR capacitor is required to keep the noise of the converter to a minimum.
Ceramic capacitors are recommended, but tantalum or electrolytic may be used. Typical value is 10µF / 50V.
C2: Installation of C2 is recommended but optional. Typical recommended value is 100µF / 25V electrolytic.
NOTE: This part is not designed for parallel operation


Similar Part No. - AMSR-78-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR-78-NZ AIMTEC-AMSR-78-NZ Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_1 Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR-78-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRB1-78-Z AIMTEC-AMSRB1-78-Z Datasheet
209Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_16 Datasheet
286Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_1 Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78Z AIMTEC-AMSR-78Z Datasheet
245Kb / 2P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z Datasheet
379Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_13 Datasheet
280Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ Datasheet
228Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com