Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRH18-107J2B Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CRH18-107J2B
Description  CRH - Thick Film Chip Resistors High Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRH18-107J2B Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CRH18-107J2B Datasheet HTML 1Page - American Accurate Components, Inc. CRH18-107J2B Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
CRH – Thick Film Chip Resistors High Resistance
The content of this specification may change without notification 09/15/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
ELECTRICAL CHARACTERISTICS
Voltage (Max.)*
Resistance Range by Tolerance& TCR (ppm/°C)
±1%
±5%
±10%
±20%
Series
Size
Rated
Power
Working
Overload
Operating
Temperature
+400 ~ -100 ppm
±500 ppm
±500 ppm
±500 ppm
CRH05
0402
1/20 w
25 V
50 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 100M
10M ~ 100M
CRH16
0603
1/16w
50 V
100 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
CRH10
0805
1/10w
150 V
300 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
CRH18
1206
1/8w
200 V
400 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
CRH14
1210
1/4w
200 V
400 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
CRH12
2010
1/2w
200 V
400 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
CRH01
2512
1w
200 V
400 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 470M
10M ~ 1.0G
Voltage (Max.)*
Resistance Range by Tolerance & TCR (ppm/°C)
±1%, ±2%
±5%
±10%
±20 ±30 ±50%
Series
Size
Rated
Power
Working
Overload
Operating
Temperature
±100 ppm
±1500 ppm
±1500 ppm
±1500 ppm
CRH16A
0603
1/32w
50V
100V
-55 ~ 125°C
1.0M ~ 50M
1.0M ~ 50M
1.0M ~ 150G
1.0M ~ 150G
CRH10A
0805
1/16w
75 V
150 V
-55 ~ +125°C
1.0M ~ 50M
1.0M ~ 50M
1.0M ~ 150G
1.0M ~ 150G
CRH18A
1206
1/8w
150 V
300 V
-55 ~ +125°C
1.0M ~ 50M
1.0M ~ 50M
1.0M ~ 150G
1.0M ~ 150G
CRH01A
2512
1w
300 V
500 V
-55 ~ +125°C
1.0M ~ 50M
1.0M ~ 150G
1.0M ~ 150G
Voltage (Max.)*
Resistance Range by Tolerance & TCR (ppm/°C)
±5%, ±10%, ±20%
Series
Size
Rated
Power
Working
Overload
Operating
Temperature
±500 ppm
±1500 ppm
CRH05B
0402
1/16w
50 V
100 V
-55 ~ +125°C
10M ~ 100M
CRH16B
0603
1/16w
50 V
100 V
-55 ~ +125°C
43M ~ 1.0G
CRH10B
0805
1/10w
150 V
300 V
-55 ~ +125°C
43M ~ 1.0G
1.2G ~ 10G
CRH18B
1206
1/8w
200 V
400 V
-55 ~ +125°C
43M ~ 1.0G
1.2G ~ 10G
* Rated Voltage =
DERATING CURVE
If the ambient temperature exceeds 70°C,
then the rated power must be derated
according to the power derating curve
shown to the right.
PERFORMANCE
Test Results
Test Item
Test Conditions
±100ppm parts
> ±100ppm parts
Long Term Stability
Normal temperature and humidity for 1,000 hours
±0.5%
±0.5%
High Temperature Loading
DC15V, 1.5 hours on, 0.5 hours off, 1,000 hours at 70
°C
±0.5%
±1.0%
Resistance to Soldering Heat
260
°C + 5°C for 10+1-0 seconds
±0.5%
±1.0%
Short Time Overload
Test for 5 seconds using maximum Overload Voltage
±0.5%
±1.0%
Operating Temperature Range
Refer to electrical charachteristics


Similar Part No. - CRH18-107J2B

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRH18107FB AAC-CRH18107FB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH18107FM AAC-CRH18107FM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH18107GB AAC-CRH18107GB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH18107GM AAC-CRH18107GM Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
CRH18107JB AAC-CRH18107JB Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
More results

Similar Description - CRH18-107J2B

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com