Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMPL-1216-UZ Datasheet(PDF) 6 Page - AIMTEC

Part # AMPL-1216-UZ
Description  Up to 80 Watt | DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMPL-1216-UZ Datasheet(HTML) 6 Page - AIMTEC

  AMPL-1216-UZ Datasheet HTML 1Page - AIMTEC AMPL-1216-UZ Datasheet HTML 2Page - AIMTEC AMPL-1216-UZ Datasheet HTML 3Page - AIMTEC AMPL-1216-UZ Datasheet HTML 4Page - AIMTEC AMPL-1216-UZ Datasheet HTML 5Page - AIMTEC AMPL-1216-UZ Datasheet HTML 6Page - AIMTEC AMPL-1216-UZ Datasheet HTML 7Page - AIMTEC AMPL-1216-UZ Datasheet HTML 8Page - AIMTEC AMPL-1216-UZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
`
Series AMPL-UZ 16A
Up to 80 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 055e R3.D
6 of 9
North America only
Efficiency curves versus load current, at 10 ~ 14V input for each output voltage setting (25˚C):
Vout 0.75V:
Vout 1V:
Vout 1.2V
Vout 1.5V
Vout 1.8V
Vout 2V


Similar Part No. - AMPL-1216-UZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMPL-1210-UZ AIMTEC-AMPL-1210-UZ Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
More results

Similar Description - AMPL-1216-UZ

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
   Up to 30 Watt DC-DC Converter
logo
AIMTEC
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ Datasheet
232Kb / 4P
   Up to 13 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com