Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-3660IZ Datasheet(PDF) 8 Page - AIMTEC

Part # AMLD-3660IZ
Description  Up to 1200mA | LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-3660IZ Datasheet(HTML) 8 Page - AIMTEC

  AMLD-3660IZ Datasheet HTML 1Page - AIMTEC AMLD-3660IZ Datasheet HTML 2Page - AIMTEC AMLD-3660IZ Datasheet HTML 3Page - AIMTEC AMLD-3660IZ Datasheet HTML 4Page - AIMTEC AMLD-3660IZ Datasheet HTML 5Page - AIMTEC AMLD-3660IZ Datasheet HTML 6Page - AIMTEC AMLD-3660IZ Datasheet HTML 7Page - AIMTEC AMLD-3660IZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series AMLD-IZ
Up to 1200mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.F
8 of 8
North America only
Output Current vs Dimming Voltage (continued)
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
Output Current vs VADJ
AMLD-36120IZ
1216
986
797
591
385
118
0
0
200
400
600
800
1000
1200
1400
0V
1V
2V
3V
4V
5V
6V
VADJ (V)
ILED (mA)


Similar Part No. - AMLD-3660IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-3660IZ AIMTEC-AMLD-3660IZ Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
AMLD-3660IZ AIMTEC-AMLD-3660IZ Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
More results

Similar Description - AMLD-3660IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
   up to 1200mA | AC-DC LED driver
AMER90C-Z AIMTEC-AMER90C-Z Datasheet
902Kb / 6P
   up to 1200mA | AC-DC LED driver
logo
Lowpower Semiconductor ...
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
   Programmable Charge Current Up to 1200mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
   Programmable Charge Current Up to 1200mA
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com