Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRL01R20GKM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CRL01R20GKM
Description  Low Ohm Surface Mount Chip Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRL01R20GKM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CRL01R20GKM Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
CURRENT SENSE RESISTORS
The content of this specification may change without notification 09/24/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
CRL Series - Low Ohm Surface Mount Chip Resistors
HOW TO ORDER
CRL10
R020
J
N
M
Packaging
M = Tape/Reel
B = Bulk
TCR (PPM/
°C)
K=+100
L=+200
N=+300
O=+400
Q=+600
Tolerance (%)
F = +1
G = +2
J = +5
EIA Resistance Value
Standard decade values
Series Size
CRL05 = 0402
CRL12 = 2010
CRL16 = 0603
CRL01 = 2512
CRL10 = 0805
CRL01P = 2512
CRL18 = 1206
CRL1S = 3720
CRL14 = 1210
CRL02 = 7520
DERATING CURVE
DIMENSIONS (mm)
Size
L
W
D1
D2
Tt
0402
1.00 + 0.05
0.50 + 0.05
0.25 + 0.10
0.20 + 0.10
0.32 + 0.05
0603
1.60 + 0.10
0.80 + 0.10
0.30 + 0.20
0.30 + 0.20
0.45 + 0.10
0805
2.00 + 0.15
1.25 + 0.15
0.30 + 0.20
0.30 + 0.20
0.50 + 0.10
1206
3.10 + 0.15
1.55 + 0.15
0.50 + 0.30
0.40 + 0.20
0.60 + 0.10
1210
3.20 + 0.20
2.50
+ 0.20 – 0.10
0.50 + 0.20
0.50 + 0.20
0.60 + 0.10
2010
5.00 + 0.15
2.50 + 0.15
0.60 + 0.30
0.50 + 0.25
0.60 + 0.10
2512
6.30 + 0.15
3.10 + 0.15
0.60 + 0.30
0.50 + 0.25
0.60 + 0.10
2512-P
6.30 + 0.20
3.20 + 0.20
0.70 + 0.30
2.20 + 0.20
0.60 + 0.10
3720
3.75 + 0.20
2.00 + 0.20
0.40+ 0.20
0.40 + 0.20
0.60 + 0.10
7520
7.50 + 0.20
2.00 + 0.20
0.40+ 0.20
0.40 + 0.20
0.60 + 0.10
ELECTRICAL CHARACTERISTICS
Max TCR (ppm/
°C) Per Resistance Range in Ω
Size
Tolerance
(%)
±600
±400
±300
±200
±100
Rated
Power
0402
±1, ±2, ±5
0.021 ~ 0.049
0.050 ~ 0.910
1/16 W
0603
±1, ±2, ±5
0.020 ~ 0.050
0.021 ~ 0.049
0.050 ~ 0.910
1/8 W
0805
±1, ±2, ±5
0.020 ~ 0.050
0.021 ~ 0.049
0.050 ~ 0.910
1/4 W
1206
±1, ±2, ±5
0.021 ~ 0.049
0.050 ~ 0.910
1/2 W
1210
±1, ±2, ±5
0.100 ~ 0.18
0.200 ~ 1.00
1/2W
2010
±1, ±2, ±5
0.021 ~ 0.049
0.050 ~ 0.910
3/4 W
2512
±1, ±2, ±5
0.021 ~ 0.049
0.050 ~ 0.910
1 W
2512-P
±1, ±2, ±5
0.100 ~ 1.00*
2W
3720
±1, ±2, ±5
0.010 ~ 0.050
1 W
7520
±1, ±2, ±5
0.001 ~ 0.010
2 W
PERFORMANCE
Item
Specification
Test Method
Temp. Coefficient of Resistance
As Spec
MIL-STD-202F, Method 304 304 +25/-55/+25/+125/+25
°C
Short Time Overload
±(0.5% + 0.05Ω)
JIS-C-5202-5.5 RCWV*2.5orMax Overloading Voltage 5 seconds
Dielectric Withstand Voltage
By type
MIL-STD-202F, Method 301 Apply Max Overload Voltage for 1 minute
Insulation Resistance
>1000M Ω
MIL-STD-202F, Method 302 Apply 100VDC for 1 minute
Thermal Shock
±(0.5% + 0.05Ω)
MIL-STD-202F, Method 107G -55
°C ~ + 150°C, 100 cycles
Load Life
±(1% + 0.05Ω)
MIL-STD-202F, Method 108A RCWV 70
°C, 1.5 hrs ON, 0.5 hrs off, 1000 ~ 1048 hrs
Humidity (Stable State)
±(1% + 0.05Ω)
MIL-STD-202F, Method 103B 40°C, 90~95%RH , RCWV 1.5 hrs ON, 0.5 hrs OFF, total 1000 ~ 1048 hrs
Resistance to Dry Heat
±(0.5% + 0.05Ω)
JIS-C-5202 7.2 96 hours @ +125
°C without load
Low Temperature Operation
±(0.5% + 0.05Ω)
JIS-C-5202 7.1 1 hour, -65
°C followed by 45 minutes if RCWV
Bending Strength
±(0.5% + 0.05Ω)
JIS-C-5202 6.1.4 Bending Amplitude 3mm for 10 seconds
Solderability
95% min. Coverage
MIL-STD-202F, Method 208H 235
°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat
±(0.5% + 0.05Ω)
MIL-STD-202F, Method 210E 260±5
°C ,10±1second
FEATURES
Resistance Tolerances as low as +1%
TCR as low as + 100ppm
Wrap Around Terminal for Flow Soldering
Anti-Leaching Nickel Barrier Terminations
RoHS Compliant
Applicable Specifications: EIA575,
MIL-R-55342F, and CECC40401


Similar Part No. - CRL01R20GKM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRL01R020FKB AAC-CRL01R020FKB Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CRL01R020FKM AAC-CRL01R020FKM Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CRL01R020FLB AAC-CRL01R020FLB Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CRL01R020FLM AAC-CRL01R020FLM Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CRL01R020FMB AAC-CRL01R020FMB Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
More results

Similar Description - CRL01R20GKM

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WWXXC WALSIN-WWXXC Datasheet
194Kb / 8P
   Low ohm chip resistors
logo
Panasonic Semiconductor
ERJ-XGNJ PANASONIC-ERJ-XGNJ Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
logo
Vishay Siliconix
RCWE0805R910FKEA VISHAY-RCWE0805R910FKEA Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
Revision: 07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
111Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
Revision: 18-Nov-13
RCWH VISHAY-RCWH Datasheet
86Kb / 3P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)
Revision: 21-Jul-16
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
   Metal low ohm power chip resistors
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
   Ultra low ohm power chip resistors
WW10P WALSIN-WW10P Datasheet
221Kb / 7P
   Thick Film Low ohm chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
   Ultra low ohm power chip resistors
WW10X WALSIN-WW10X Datasheet
221Kb / 7P
   Thick Film Low ohm chip resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com