Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-CE06RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-CE06RD
Description  101.20mm(4.00) high single seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-CE06RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-CE06RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-CE06RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-CE06RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
CE
E0
06
6R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
59.90(2.358)
121.80(4.795)
101.20(3.984)
PIN 1.
89.80(3.535)
+
10
14.90(.587)
11.0(.433)
0.80(.031)
5.08(.200)
107.00(4.213)
7.5±0.5(.295±020)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
4.00 inch (101.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode
Description :
1.
The BS-CE06RD is a 101.20mm(4.00")
high single digit seven segments display.
2.
This product use super red chips,
which are made from AlGaAs on
GaAs substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-CE06RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-CE06RD YSTONE-BS-CE06RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-CE06RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AE15RD-A BRIGHT-BS-AE15RD-A Datasheet
274Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE14RD BRIGHT-BS-CE14RD Datasheet
230Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE16RD BRIGHT-BS-CE16RD Datasheet
196Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE05RD BRIGHT-BS-AE05RD Datasheet
163Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE15RD BRIGHT-BS-AE15RD Datasheet
265Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE16RD-A BRIGHT-BS-AE16RD-A Datasheet
205Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AE0FRD BRIGHT-BS-AE0FRD Datasheet
160Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AE14RD BRIGHT-BS-AE14RD Datasheet
249Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AE06RD BRIGHT-BS-AE06RD Datasheet
160Kb / 3P
   101.20mm(4.00) high single digit seven segments display.
BS-AB2EGRD BRIGHT-BS-AB2EGRD Datasheet
190Kb / 3P
   30.4mm(1.20) high single seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com