Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-CD45RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-CD45RD
Description  56.90mm(2.30) high single digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-CD45RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BS-CD45RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-CD45RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-CD45RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--C
CD
D4
45
5R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Forward Voltage
Forward Voltage (V)
Forward Current(mA)
Fig.4 Relative Luminous
0.0
0
1.0
2.0
3.0
0
0
30
10
20
40
50
40
10
20
30
50
4
Forward Current
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
550
0
0.5
1.0
600
650
Ambient Temperature
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
Fig.5 Forward Current
Derating Curve VS.
Ambient Temperature
0
0
10
5
20
15
20
40
60
80
0.5
25
-40
0
1.0
1.5
2.0
2.5
3.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
700
750
Intensity VS.
800
850
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-CD45RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-CD45RD ETC-BS-CD45RD Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-CD45RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AD45RD BRIGHT-BS-AD45RD Datasheet
247Kb / 3P
   56.90mm(2.30) high single digit seven segments display
BS-CD46RD BRIGHT-BS-CD46RD Datasheet
171Kb / 3P
   56.90mm(2.30) high single digit seven segments display
BS-AD14RD BRIGHT-BS-AD14RD Datasheet
165Kb / 3P
   56.90mm(2.30) high single digit seven segments
BS-AD16RD BRIGHT-BS-AD16RD Datasheet
235Kb / 3P
   56.90mm(2.30) high single digit seven segments
BS-CD24RD BRIGHT-BS-CD24RD Datasheet
169Kb / 3P
   56.80mm(2.30) high single digit seven segments display
BS-CD16RD BRIGHT-BS-CD16RD Datasheet
144Kb / 3P
   2.30(56.90MM)single DIGIT LED DISPLAY
BS-CD14RD BRIGHT-BS-CD14RD Datasheet
146Kb / 3P
   2.30(56.90MM)single DIGIT LED DISPLAY
BS-AD1FRD BRIGHT-BS-AD1FRD Datasheet
139Kb / 3P
   2.30(56.90MM) single DIGIT LED DISPLAY
BS-A305RE BRIGHT-BS-A305RE Datasheet
191Kb / 3P
   7.62mm(0.3) high single digit seven segments display.
BS-AA32RD BRIGHT-BS-AA32RD Datasheet
197Kb / 3P
   25.4mm (1.00) high single digit seven segments display.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com